Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG103-PCB Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # AG103-PCB
Description  High Dynamic Range Gain Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AG103-PCB Datasheet(HTML) 1 Page - WJ Communication. Inc.

  AG103-PCB Datasheet HTML 1Page - WJ Communication. Inc. AG103-PCB Datasheet HTML 2Page - WJ Communication. Inc. AG103-PCB Datasheet HTML 3Page - WJ Communication. Inc. AG103-PCB Datasheet HTML 4Page - WJ Communication. Inc. AG103-PCB Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
September 2004
AG103
High Dynamic Range Gain Block
Product Information
The Communications Edge
TM
Product Features
50 – 870 MHz
13 dB Gain
3 dB Noise Figure
>+36 dBm OIP3
+20 dBm P1dB
Single +5 Bias Supply
Internally matched to 50 Ω
Lead-free/Green/RoHS-
compliant
SOT-89 Package
MTTF > 1000 years
Applications
Mobile Infrastructure
CATV / DBS
Defense / Homeland Security
NMT-450 Infrastructure
Product Description
The AG103 is a general-purpose gain block that offers good
dynamic range and low noise figure in a low-cost surface-
mount package. The combination of high OIP3 and tight
gain variation window makes it attractive for a multitude of
applications. The device combines dependable performance
with superb quality to maintain MTTF values exceeding
1000 years at mounting temperatures of +85
°C and is
available in both the standard SOT-89 package and the
environmentally-friendly lead-free/green/RoHS-compliant
and green SOT-89 package. All devices are 100% RF &
DC tested.
The AG103 uses a high reliability GaAs MMIC technology
and only requires DC-blocking and bypass capacitors, and
an inductive RF choke for operation.
Internal matching
provides a 50 ohm input / output impedance minimizing the
number of required external components.
The AG103 GaAs MMIC amplifier is well suited for
wireless infrastructure such as NMT-450, homeland
security, and 2
nd generation mobile infrastructure utilizing
the cellular band. In addition, the amplifier can be used for
applications in various IF frequency bands.
Functional Diagram
RF IN
GND
RF OUT
GND
1
23
4
Function
Pin No.
Input
1
Output/Bias
3
Ground
2, 4
Specifications
(1)
Parameter
Units
Min
Typ
Max
Comment
Operational Bandwidth
MHz
50
870
Test Frequency
MHz
800
Gain
dB
12
12.9
14
Input Return Loss
dB
10
See note 2
Output Return Loss
dB
20
Output P1dB
dBm
+20
Output IP3
dBm
+33
>+36
Pout = +5 dBm/tone, 10 MHz spacing.
Noise Figure
dB
2.9
See note 2
Operating Current Range
mA
120
150
180
Supply Voltage
V
+5
1. Test conditions unless otherwise noted: T = 25º C, 50
Ω system.
2. S11 and Noise Figure can be improved using an optional input matching network (typically just a series inductor).
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
DC Voltage
+6 V
RF Input Power (continuous)
+10 dBm
Junction Temperature
+220
° C
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
AG103
GaAs MMIC Gain Block
(leaded SOT-89 Pkg)
AG103-G
GaAs MMIC Gain Block
(lead-free/green/RoHS-compliant SOT-89 Pkg)
AG103-PCB
200 – 600 MHz Fully Assembled Application Circuit


Similar Part No. - AG103-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG103-PCB WJCI-AG103-PCB Datasheet
181Kb / 4P
   High Dynamic Range Gain Block
More results

Similar Description - AG103-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG102 WJCI-AG102 Datasheet
399Kb / 6P
   High Dynamic Range Gain Block
AM1 WJCI-AM1 Datasheet
404Kb / 6P
   High Dynamic Range Gain Block
AG103 WJCI-AG103_06 Datasheet
181Kb / 4P
   High Dynamic Range Gain Block
AH3 WJCI-AH3 Datasheet
107Kb / 4P
   High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AG102-G TRIQUINT-AG102-G_15 Datasheet
737Kb / 6P
   High Dynamic Range Gain Block
AH3-G TRIQUINT-AH3-G_15 Datasheet
506Kb / 7P
   High Dynamic Range Gain Block
logo
List of Unclassifed Man...
AG101 ETC-AG101 Datasheet
179Kb / 7P
   High Dynamic Range Gain Block
AM1 ETC-AM1 Datasheet
126Kb / 5P
   High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AM1-G TRIQUINT-AM1-G_15 Datasheet
752Kb / 6P
   High Dynamic Range Gain Block
logo
Tyco Electronics
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
   High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com