Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

381LQ393M025K052 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 381LQ393M025K052
Description  105 C Compact, High-Ripple Snap-in
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

381LQ393M025K052 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  381LQ393M025K052 Datasheet HTML 1Page - List of Unclassifed Manufacturers 381LQ393M025K052 Datasheet HTML 2Page - List of Unclassifed Manufacturers 381LQ393M025K052 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LQ393M025K052 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LQ393M025K052 Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LQ393M025K052 Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LQ393M025K052 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 381LQ 105 °C Compact, High-Ripple Snap-in
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A) (A)
Nominal
Size
D x L
(mm)
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A) (A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
80 Vdc (100 Vdc Surge)
2700 381LQ272M100J452 0.092
0.060
2.90
3.34
25 x 45
6800 381LQ682M063K032 0.049
0.037
3.60
4.14
30 x 35
2700 381LQ272M100K032 0.092
0.060
2.90
3.34
30 x 35
6800 381LQ682M063A022 0.049
0.037
3.60
4.14
35 x 30
3300 381LQ332M100J052 0.075
0.049
3.20
3.68
25 x 50
8200 381LQ822M063K042 0.040
0.030
3.90
4.49
30 x 40
3300 381LQ332M100K042 0.075
0.049
3.20
3.68
30 x 40
8200 381LQ822M063A032 0.040
0.030
3.90
4.49
35 x 35
3300 381LQ332M100A022 0.075
0.049
3.20
3.68
35 x 30
10000 381LQ103M063K452 0.033
0.025
4.40
5.06
30 x 45
3900 381LQ392M100K452 0.064
0.043
3.60
4.14
30 x 45
10000 381LQ103M063A042 0.033
0.025
4.40
5.06
35 x 40
3900 381LQ392M100A032 0.064
0.043
3.60
4.14
35 x 35
12000 381LQ123M063K052 0.028
0.021
4.80
5.52
30 x 50
4700 381LQ472M100K052 0.053
0.038
3.80
4.37
30 x 50
12000 381LQ123M063A452 0.028
0.022
4.80
5.52
35 x 45
4700 381LQ472M100A042 0.053
0.037
3.80
4.37
35 x 40
15000 381LQ153M063A052 0.022
0.018
5.40
6.21
35 x 50
5600 381LQ562M100A452 0.044
0.031
4.20
4.83
35 x 45
1200 381LQ122M080H012 0.235
0.176
1.50
1.73
22 x 25
6800 381LQ682M100A052 0.037
0.027
4.70
5.41
35 x 50
1500 381LQ152M080H022 0.188
0.141
1.70
1.96
22 x 30
160 Vdc (200 Vdc Surge)
1500 381LQ152M080J012 0.188
0.141
1.70
1.96
25 x 25
470 381LQ471M160H012 0.423
0.190
1.40
1.96
22 x 25
1800 381LQ182M080H032 0.157
0.117
1.80
2.07
22 x 35
560 381LQ561M160H022 0.355
0.160
1.50
2.10
22 x 30
2200 381LQ222M080H042 0.128
0.096
2.10
2.42
22 x 40
680 381LQ681M160H022 0.293
0.132
1.70
2.38
22 x 30
2200 381LQ222M080J022 0.128
0.096
2.10
2.42
25 x 30
680 381LQ681M160J012 0.293
0.132
1.70
2.38
25 x 25
2700 381LQ272M080H452 0.104
0.078
2.40
2.76
22 x 45
820 381LQ821M160H032 0.243
0.109
2.00
2.80
22 x 35
2700 381LQ272M080J032 0.104
0.078
2.40
2.76
25 x 35
820 381LQ821M160J022 0.243
0.109
2.00
2.80
25 x 30
2700 381LQ272M080K012 0.104
0.078
2.40
2.76
30 x 25
1000 381LQ102M160H042 0.199
0.090
2.20
3.08
22 x 40
3300 381LQ332M080H052 0.085
0.064
2.60
2.99
22 x 50
1000 381LQ102M160J032 0.199
0.090
2.20
3.08
25 x 35
3300 381LQ332M080J042 0.085
0.064
2.60
2.99
25 x 40
1000 381LQ102M160K012 0.216
0.108
2.20
3.08
30 x 25
3300 381LQ332M080K022 0.085
0.064
2.60
2.99
30 x 30
1200 381LQ122M160H452 0.166
0.075
2.30
3.22
22 x 45
3300 381LQ332M080A012 0.085
0.064
2.60
2.99
35 x 25
1200 381LQ122M160J042 0.166
0.075
2.30
3.22
25 x 40
3900 381LQ392M080J452 0.072
0.054
3.00
3.45
25 x 45
1200 381LQ122M160K022 0.166
0.075
2.30
3.22
30 x 30
3900 381LQ392M080K032 0.072
0.054
3.00
3.45
30 x 35
1200 381LQ122M160A012 0.180
0.090
2.30
3.22
35 x 25
4700 381LQ472M080J052 0.060
0.045
3.30
3.80
25 x 50
1500 381LQ152M160J452 0.133
0.060
2.50
3.50
25 x 45
4700 381LQ472M080K042 0.060
0.045
3.30
3.80
30 x 40
1500 381LQ152M160K032 0.133
0.060
2.50
3.50
30 x 35
4700 381LQ472M080A022 0.060
0.045
3.30
3.80
35 x 30
1500 381LQ152M160A022 0.155
0.077
2.50
3.50
35 x 30
5600 381LQ562M080K452 0.050
0.038
3.70
4.26
30 x 45
1800 381LQ182M160J052 0.110
0.055
2.70
3.78
25 x 50
5600 381LQ562M080A032 0.050
0.038
3.70
4.26
35 x 35
1800 381LQ182M160K042 0.110
0.055
2.70
3.78
30 x 40
6800 381LQ682M080K052 0.041
0.031
3.90
4.49
30 x 50
1800 381LQ182M160A022 0.120
0.060
2.70
3.78
35 x 30
6800 381LQ682M080A042 0.041
0.032
3.90
4.49
35 x 40
2200 381LQ222M160K452 0.090
0.045
2.90
4.06
30 x 45
8200 381LQ822M080A452 0.034
0.027
4.50
5.18
35 x 45
2200 381LQ222M160A032 0.098
0.049
2.90
4.06
35 x 35
100 Vdc (125 Vdc Surge)
2700 381LQ272M160K052 0.080
0.040
3.10
4.34
30 x 50
820
381LQ821M100H012 0.303
0.197
1.40
1.61
22 x 25
2700 381LQ272M160A042 0.086
0.043
3.10
4.34
35 x 40
1200 381LQ122M100H022 0.207
0.135
1.80
2.07
22 x 30
3300 381LQ332M160A052 0.070
0.042
3.30
4.62
35 x 50
1200 381LQ122M100J012 0.207
0.135
1.80
2.07
25 x 25
180 Vdc (225 Vdc Surge)
1500 381LQ152M100H032 0.166
0.108
2.10
2.42
22 x 35
560 381LQ561M180H022 0.355
0.160
1.50
2.10
22 x 30
1500 381LQ152M100J022 0.166
0.108
2.10
2.42
25 x 30
560 381LQ561M180J012 0.355
0.160
1.50
2.10
25 x 25
1800 381LQ182M100H042 0.138
0.090
2.30
2.65
22 x 40
680 381LQ681M180H032 0.293
0.132
1.70
2.38
22 x 35
1800 381LQ182M100J032 0.138
0.090
2.30
2.65
25 x 35
680 381LQ681M180J022 0.293
0.132
1.70
2.38
25 x 30
1800 381LQ182M100K012 0.138
0.090
2.30
2.65
30 x 25
820 381LQ821M180H042 0.243
0.109
2.00
2.80
22 x 40
2200 381LQ222M100H452 0.113
0.073
2.60
2.99
22 x 45
820 381LQ821M180J022 0.243
0.109
2.00
2.80
25 x 30
2200 381LQ222M100J042 0.113
0.073
2.60
2.99
25 x 40
820 381LQ821M180K012 0.243
0.109
2.00
2.80
30 x 25
2200 381LQ222M100K022 0.113
0.073
2.60
2.99
30 x 30
1000 381LQ102M180H452 0.199
0.090
2.20
3.08
22 x 45
2200 381LQ222M100A012 0.113
0.073
2.60
2.99
35 x 25
1000 381LQ102M180J042 0.199
0.090
2.20
3.08
25 x 40


Similar Part No. - 381LQ393M025K052

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LQ393M025K052 CDE-381LQ393M025K052 Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
More results

Similar Description - 381LQ393M025K052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LX472M010H012 ETC2-381LX472M010H012 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
381LQ CDE-381LQ Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com