Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3223IGU-2.8-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3223IGU-2.8-T1
Description  250mA NanoPower LDO Linear Regulator with Power -OK
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3223IGU-2.8-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3223IGU-2.8-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3223IGU-2.8-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3223IGU-2.8-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3223IGU-2.8-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3223IGU-2.8-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3223IGU-2.8-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3223IGU-2.8-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3223IGU-2.8-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3223IGU-2.8-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Typical Characteristics
Unless otherwise noted, V
IN = VOUT + 1V, TA = 25°C, CIN = COUT = 1µF ceramic.
EN Threshold vs. Input Voltage
0.50
0.75
1.00
1.25
1.50
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
-30
°C
80
°C
25
°C
Current Limit Response
-200
0
200
400
600
800
1000
Time (ms)
OUT (1V/div)
POK (1V/div)
IOUT (200mA/div)
Power-Off from 100mA Load
-1
0
1
2
3
4
5
Time (
µs)
OUT (1V/div)
POK (1V/div)
EN (1V/div)
AAT3223
250mA NanoPower™ LDO
Linear Regulator with Power-OK
8
3223.2005.04.1.4


Similar Part No. - AAT3223IGU-2.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3223IGU-2.8-T1 AAT-AAT3223IGU-2.8-T1 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
logo
Advanced Analogic Techn...
AAT3223IGU-2.8-T1 ANALOGICTECH-AAT3223IGU-2.8-T1 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
More results

Similar Description - AAT3223IGU-2.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3223 ANALOGICTECH-AAT3223_06 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
logo
Advanced Analog Technol...
AAT3223 AAT-AAT3223 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com