Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1117XMY-ADJ-B1 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT1117XMY-ADJ-B1
Description  1 Amp Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1117XMY-ADJ-B1 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT1117XMY-ADJ-B1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1117XMY-ADJ-B1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1117XMY-ADJ-B1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1117XMY-ADJ-B1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1117XMY-ADJ-B1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1117XMY-ADJ-B1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1117XMY-ADJ-B1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1117XMY-ADJ-B1 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AAT1117
1 Amp Linear Regulator
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086
(408)524-9684 Fax (408)524-9689
$1$/2*,&
7(&+
TM
1117.2000.05.0.92
Ordering Information
Part Number
Output Voltage
Package
Marking
Bulk
Tape and Reel
3.3V
SOT-223
AAT1117XMY-3.3-B1
AAT1117XMY-3.3-T1
3.3V
TO-252
(DPAK)
N/A
AAT1117XNY-3.3-T1
3.3V
TO-220
AAT1117XPY-3.3-B1
N/A
Adjustable
SOT-223
AAT1117XMY-ADJ-B1
AAT1117XMY-ADJ-T1
Adjustable
TO-252
(DPAK)
N/A
AAT1117XNY-ADJ-T1
Adjustable
TO-220
AAT1117XPY-ADJ-B1
N/A
2-5


Similar Part No. - AAT1117XMY-ADJ-B1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
Advanced Analogic Techn...
AAT1110 ANALOGICTECH-AAT1110 Datasheet
698Kb / 19P
   Fast Transient 800mA Step-Down Converter
logo
Advanced Analog Technol...
AAT1110-S AAT-AAT1110-S Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
AAT1110-S-T AAT-AAT1110-S-T Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
AAT1110-T2 AAT-AAT1110-T2 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
More results

Similar Description - AAT1117XMY-ADJ-B1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AHK1117 ANALOGICTECH-AHK1117 Datasheet
75Kb / 8P
   1 Amp Linear Regulator
logo
Seme LAB
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP7805SMD SEME-LAB-IP7805SMD Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP140A SEME-LAB-IP140A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP1R17A SEME-LAB-IP1R17A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
Acutechnology Semicondu...
AQ111 ACUTECH-AQ111 Datasheet
586Kb / 9P
   Low Dropout 1 Amp Voltage Regulator
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
logo
Seme LAB
LM3940 SEME-LAB-LM3940 Datasheet
84Kb / 4P
   1 AMP LOW DROPOUT REGULATOR FOR
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com