Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82PF120W Datasheet(PDF) 5 Page - International Rectifier

Part # 82PF120W
Description  STANDARD RECOVERY DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

82PF120W Datasheet(HTML) 5 Page - International Rectifier

  82PF120W Datasheet HTML 1Page - International Rectifier 82PF120W Datasheet HTML 2Page - International Rectifier 82PF120W Datasheet HTML 3Page - International Rectifier 82PF120W Datasheet HTML 4Page - International Rectifier 82PF120W Datasheet HTML 5Page - International Rectifier 82PF120W Datasheet HTML 6Page - International Rectifier 82PF120W Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
80PF(R)...(W) Series
5
Bulletin I20207 rev. C 03/04
www.irf.com
Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
Square Wave Pulse Duration (s)
Fig. 8 - Thermal Impedance ZthJC Characteristics
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non -Repetitive Surge Current
Pulse Train Duration (s)
Fig. 6 - Maximum Non -Repetitive Surge Current
400
500
600
700
800
900
1000
1100
1200
1300
1400
110
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
80PF(R) Series
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
200
400
600
800
1000
1200
1400
1600
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
80PF(R) Series
Initial Tj = 150˚C
No Voltage Reapplied
Rated Vrrm Reapplied
1
10
100
1000
0123
Tj = 25˚C
Tj = 180˚C
80PF(R) Series
0.01
0.1
1
0.0001 0.001
0.01
0.1
1
10
Steady State Value
RthJC = 0.3 K/W
(DC Operation)
80PF(R) Series


Similar Part No. - 82PF120W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
82PF120W VISHAY-82PF120W Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
More results

Similar Description - 82PF120W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com