Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL016A90FAIR23 Datasheet(PDF) 4 Page - SPANSION

Part # S29GL016A90FAIR23
Description  S29GL-A MirrorBit Flash Family
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL016A90FAIR23 Datasheet(HTML) 4 Page - SPANSION

  S29GL016A90FAIR23 Datasheet HTML 1Page - SPANSION S29GL016A90FAIR23 Datasheet HTML 2Page - SPANSION S29GL016A90FAIR23 Datasheet HTML 3Page - SPANSION S29GL016A90FAIR23 Datasheet HTML 4Page - SPANSION S29GL016A90FAIR23 Datasheet HTML 5Page - SPANSION S29GL016A90FAIR23 Datasheet HTML 6Page - SPANSION S29GL016A90FAIR23 Datasheet HTML 7Page - SPANSION S29GL016A90FAIR23 Datasheet HTML 8Page - SPANSION S29GL016A90FAIR23 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
2
S29GL-A MirrorBit™ Flash Family
S29GL-A_00_A3 April 22, 2005
Advan ce
In form ati o n
General Description
The S29GL-A family of devices are 3.0 V single power Flash memory manufac-
tured using 200 nm MirrorBit technology. The S29GL064A is a 64-Mb device
organized as 4,194,304 words or 8,388,608 bytes. The S29GL032A is a 32-Mb
device organized as 2,097,152 words or 4,194,304 bytes. The S29Gl016A is a
16 Mb device organized as 1,048,576 words or 2,097,152 bytes. Depending on
the model number, the devices have an 8-bit wide data bus only, 16-bit wide
data bus only, or a 16-bit wide data bus that can also function as an 8-bit wide
data bus by using the BYTE# input. The devices can be programmed either in
the host system or in standard EPROM programmers.
Access times as fast as 90 ns are available. Note that each access time has a
specific operating voltage range (VCC) as specified in the Product Selector Guide
and the Ordering Information–S29GL016A, Ordering Information–S29GL032A,
and Ordering Information–S29GL064A. Package offerings include 48-pin TSOP,
56-pin TSOP, 48-ball fine-pitch BGA and 64-ball Fortified BGA, depending on
model number. Each device has separate chip enable (CE#), write enable (WE#)
and output enable (OE#) controls.
Each device requires only a single 3.0 volt power supply for both read and
write functions. In addition to a VCC input, a high-voltage accelerated program
(ACC) feature provides shorter programming times through increased current
on the WP#/ACC input. This feature is intended to facilitate factory throughput
during system production, but may also be used in the field if desired.
The device is entirely command set compatible with the JEDEC single-power-
supply Flash standard. Commands are written to the device using standard
microprocessor write timing. Write cycles also internally latch addresses and
data needed for the programming and erase operations.
The sector erase architecture allows memory sectors to be erased and repro-
grammed without affecting the data contents of other sectors. The device is fully
erased when shipped from the factory.
Device programming and erasure are initiated through command sequences.
Once a program or erase operation begins, the host system need only poll the
DQ7 (Data# Polling) or DQ6 (toggle) status bits or monitor the Ready/Busy#
(RY/BY#) output to determine whether the operation is complete. To facilitate
programming, an Unlock Bypass mode reduces command sequence overhead
by requiring only two write cycles to program data instead of four.
Hardware data protection measures include a low VCC detector that automat-
ically inhibits write operations during power transitions. The hardware sector
protection feature disables both program and erase operations in any combina-
tion of sectors of memory. This can be achieved in-system or via programming
equipment.
The Erase Suspend/Erase Resume feature allows the host system to pause
an erase operation in a given sector to read or program any other sector and
then complete the erase operation. The Program Suspend/Program Resume
feature enables the host system to pause a program operation in a given sector
to read any other sector and then complete the program operation.
The hardware RESET# pin terminates any operation in progress and resets the
device, after which it is then ready for a new operation. The RESET# pin may be
tied to the system reset circuitry. A system reset would thus also reset the de-


Similar Part No. - S29GL016A90FAIR23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL016A SPANSION-S29GL016A Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI010 SPANSION-S29GL016A100BAI010 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI012 SPANSION-S29GL016A100BAI012 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI013 SPANSION-S29GL016A100BAI013 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAIR10 SPANSION-S29GL016A100BAIR10 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL016A90FAIR23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com