Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6230 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE6230
Description  Powerblock Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6230 Datasheet(HTML) 1 Page - NTE Electronics

  NTE6230 Datasheet HTML 1Page - NTE Electronics NTE6230 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE5710 thru NTE5712
NTE5720 thru NTE5722
NTE6220 & NTE6230
Powerblock Modules
Description:
NTE series powerblock modules come in an industry standard package, offering four circuits that can
be used singly or as power control building blocks. All models feature highly efficient thermal manage-
ment for greatly extended cycle life.
Features:
D
Industry Standard Package and Circuits
D
Power Control Building Blocks
Electrical Specifications:
Average Output Current Per Device (TC =+85°C), IT(AV)
NTE5710, NTE5711, NTE5712, NTE6220
55A
.......................................
NTE5720, NTE5721, NTE5722, NTE6230
90A
.......................................
Repetitive Peak Reverse Voltage (AC Line), VRRM
1200V (480V)
.............................
Maximum Voltage Drop, VF
NTE5710, NTE5711, NTE5712, NTE6220 (IF = 165A)
1.4V
...........................
NTE5720, NTE5721, NTE5722, NTE6230 (IF = 270A)
1.4V
...........................
Critical Rate of Rise of On--State Current (TJ = +125°C), di/dt
100A/ms
........................
Critical Rate of Rise of Off--State Voltage (TJ = +125°C), dv/dt
500V/ms
.......................
Maximum Non--Repetitive Surge Current (1/2 Cycle, 60Hz), ITSM
NTE5710, NTE5711, NTE5712, NTE6220
1500A
.....................................
NTE5720, NTE5721, NTE5722, NTE6230
1950A
.....................................
Maximum I2t for Fusing (t = 8.3ms), I2t
NTE5710, NTE5711, NTE5712, NTE6220
9350A2sec
.................................
NTE5720, NTE5721, NTE5722, NTE6230
15800A2sec
................................
Maximum Required Gate Current to Trigger (+25°C), IGT
150mA
.............................
Maximum Required Gate Voltage to Trigger (+25°C), VGT
3.0V
..............................
Average Gate Power, PG(AV)
500mW
......................................................
Maximum Peak Gate Voltage (Reverse), VGM
5.0V
.........................................
Isolation Voltage, VISOL
2500VRMS
.......................................................
Operating Junction Temperature Range, TJ
--40° to +125°C
..................................
Maximum Thermal Resistance Per Module, Junction to Baseplate, R3JC
NTE5710, NTE5711, NTE5712, NTE6220
0.25°C/W
..................................
NTE5720, NTE5721, NTE5722, NTE6230
0.14°C/W
..................................


Similar Part No. - NTE6230

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE623 NTE-NTE623 Datasheet
18Kb / 2P
   Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE6232 NTE-NTE6232 Datasheet
27Kb / 2P
   Powerblock Module
NTE6234 NTE-NTE6234 Datasheet
24Kb / 2P
   Powerblock Module
NTE6236 NTE-NTE6236 Datasheet
24Kb / 2P
   Powerblock Module
More results

Similar Description - NTE6230

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5708 NTE-NTE5708 Datasheet
24Kb / 2P
   Powerblock Modules
NTE5740 NTE-NTE5740 Datasheet
26Kb / 2P
   Powerblock Modules 3 Phase Bride Modules
NTE5742 NTE-NTE5742 Datasheet
24Kb / 2P
   Powerblock Modules 3 Phase Bride Modules
NTE5744 NTE-NTE5744 Datasheet
24Kb / 2P
   Powerblock Modules 3 Phase Bride Modules
logo
Infineon Technologies A...
PB34 INFINEON-PB34 Datasheet
111Kb / 2P
   Gate Leads for PowerBLOCK Modules
2016-09-15 Revision: 3.3
logo
NTE Electronics
NTE5726 NTE-NTE5726 Datasheet
30Kb / 3P
   Powerblock Module
NTE6232 NTE-NTE6232 Datasheet
27Kb / 2P
   Powerblock Module
NTE6236 NTE-NTE6236 Datasheet
24Kb / 2P
   Powerblock Module
NTE5728 NTE-NTE5728 Datasheet
30Kb / 3P
   Powerblock Module
NTE6234 NTE-NTE6234 Datasheet
24Kb / 2P
   Powerblock Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com