Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CD032G0MFAN013 Datasheet(PDF) 6 Page - SPANSION

Part # S29CD032G0MFAN013
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0MFAN013 Datasheet(HTML) 6 Page - SPANSION

Back Button S29CD032G0MFAN013 Datasheet HTML 2Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 3Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 4Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 5Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 6Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 7Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 8Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 9Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
6S29CD032G
30606B0 March 22, 2004
Ad va n c e
In f o rm a t i o n
Product Selector Guide
Note:The 54D, 64C, and 65A speed options are tested and guaranteed to operate only at the 66 MHz, 56MHz, and 40MHz frequencies
respectively. Operation and other frequencies is not warranted.
Part Number
S29CD032GG
Standard Voltage Range: VCC = 2.5 – 2.75 V
Synchronous/Burst or Asynchronous
Speed Option (Clock Rate)
0R
(75 MHz)
0P
(66 MHz)
0M
(56 MHz)
0J
(40 MHz)
Max Initial/Asynchronous
Access Time, ns (tACC)
48
54
64
67
Max Burst Access Delay (ns)
7.5 FBGA
9 FBGA/
9.5 PQFP
10 FBGA/
10 PQFP
17
Max Clock Rate (MHz)
75
66
56
40
Min Initial Clock Delay (clock cycles)
3
3
3
2
Max CE# Access, ns (tCE)52
58
69
71
Max OE# Access, ns (tOE)20
28


Similar Part No. - S29CD032G0MFAN013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD032G0MFAA000 SPANSION-S29CD032G0MFAA000 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD032G0MFAA002 SPANSION-S29CD032G0MFAA002 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD032G0MFAA010 SPANSION-S29CD032G0MFAA010 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD032G0MFAA012 SPANSION-S29CD032G0MFAA012 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD032G0MFAA100 SPANSION-S29CD032G0MFAA100 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
More results

Similar Description - S29CD032G0MFAN013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com