Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL016A10FAIR22 Datasheet(PDF) 3 Page - SPANSION

Part # S29GL016A10FAIR22
Description  S29GL-A MirrorBit Flash Family
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL016A10FAIR22 Datasheet(HTML) 3 Page - SPANSION

  S29GL016A10FAIR22 Datasheet HTML 1Page - SPANSION S29GL016A10FAIR22 Datasheet HTML 2Page - SPANSION S29GL016A10FAIR22 Datasheet HTML 3Page - SPANSION S29GL016A10FAIR22 Datasheet HTML 4Page - SPANSION S29GL016A10FAIR22 Datasheet HTML 5Page - SPANSION S29GL016A10FAIR22 Datasheet HTML 6Page - SPANSION S29GL016A10FAIR22 Datasheet HTML 7Page - SPANSION S29GL016A10FAIR22 Datasheet HTML 8Page - SPANSION S29GL016A10FAIR22 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S29GL-A_00
Revision A Amendment 3 Issue Date April 22, 2005
Distinctive Characteristics
Architectural Advantages
Single power supply operation
— 3 volt read, erase, and program operations
Manufactured on 200 nm MirrorBit process
technology
Secured Silicon Sector region
— 128-word/256-byte sector for permanent, secure
identification through an 8-word/16-byte random
Electronic Serial Number, accessible through a
command sequence
— May be programmed and locked at the factory or by
the customer
Flexible sector architecture
— 64Mb (uniform sector models): 128 32 Kword (64 KB)
sectors
— 64Mb (boot sector models): 127 32 Kword (64 KB)
sectors + 8 4Kword (8KB) boot sectors
— 32Mb (uniform sector models): 64 32Kword (64KB)
sectors
— 32Mb (boot sector models): 63 32Kword (64KB)
sectors + 8 4Kword (8KB) boot sectors
— 16MB (boot sector models): 31 31Kword (64KB)
sectors + 8 4Kword (8KB) boot sectors
Compatibility with JEDEC standards
— Provides pinout and software compatibility for single-
power supply flash, and superior inadvertent write
protection
100,000 erase cycles typical per sector
20-year data retention typical
Performance Characteristics
High performance
— 90 ns access time
— 4-word/8-byte page read buffer
— 25 ns page read times
— 16-word/32-byte write buffer which reduces overall
programming time for multiple-word updates
Low power consumption (typical values at 3.0 V, 5
MHz)
— 18 mA typical active read current
— 50 mA typical erase/program current
— 1 µA typical standby mode current
Package options
— 48-pin TSOP
— 56-pin TSOP
— 64-ball Fortified BGA
— 48-ball fine-pitch BGA
Software & Hardware Features
Software features
— Program Suspend & Resume: read other sectors
before programming operation is completed
— Erase Suspend & Resume: read/program other
sectors before an erase operation is completed
— Data# polling & toggle bits provide status
— CFI (Common Flash Interface) compliant: allows host
system to identify and accommodate multiple flash
devices
— Unlock Bypass Program command reduces overall
multiple-word programming time
Hardware features
— Sector Group Protection: hardware-level method of
preventing write operations within a sector group
— Temporary Sector Unprotect: VID-level method of
charging code in locked sectors
— WP#/ACC input accelerates programming time
(when high voltage is applied) for greater throughput
during system production. Protects first or last sector
regardless of sector protection settings on uniform
sector models
— Hardware reset input (RESET#) resets device
— Ready/Busy# output (RY/BY#) detects program or
erase cycle completion
S29GL-A MirrorBit™ Flash Family
S29GL064A, S29GL032A, and S29GL016A
64 Megabit, 32 Megabit, and 16 Megabit
3.0-Volt only Page Mode Flash Memory
Featuring 200 nm MirrorBit Process Technology
Data Sheet
ADVANCE
INFORMATION


Similar Part No. - S29GL016A10FAIR22

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL016A10FAIR22 SPANSION-S29GL016A10FAIR22 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL016A10FAIR22

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com