Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6624 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N6624
Description  RECOVERY GLASS RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6624 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N6624 Datasheet HTML 1Page - Microsemi Corporation 1N6624 Datasheet HTML 2Page - Microsemi Corporation 1N6624 Datasheet HTML 3Page - Microsemi Corporation 1N6624 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VOIDLESS-HERMETICALLYSEALED
SURFACE MOUNT ULTRA FAST
RECOVERY GLASS RECTIFIERS
S C O T TS DALE DIVISION
1N6620US thru 1N6625US
ELECTRICAL CHARACTERISTICS @ 25oC
MAXIMUM
REVERSE
CURRENT IR @
VRWM
IR
TYPE
NUMBER
MINIMUM
BREAK-
DOWN
VOLTAGE
VR
IR = 50μA
MAXIMUM
FORWARD
VOLTAGE
VF @ IF
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
TA=25
oC TA=150oC
MAXIMUM
REVERSE
RECOVERY
TIME (LOW
CURRENT)
trr
Note 1
MAXIMUM
REVERSE
RECOVERY
TIME (HIGH
CURRENT)
trr
Note 2
PEAK
RECOVERY
CURRENT
IRM (rec)
IF = 2A,
100A/
μs
Note 2
FORWARD
RECOVERY
VOLTAGE
VFRM Max
IF = 0.5A
tfr =12ns
V
V @ A
V @ A
V
μA
μA
ns
ns
A
V
1N6620
220
1.40V @ 1.2A 1.60V @ 2.0A
200
0.5
150
30
45
3.5
12
1N6621
440
1.40V @ 1.2A 1.60V @ 2.0A
400
0.5
150
30
45
3.5
12
1N6622
660
1.40V @ 1.2A 1.60V @ 2.0A
600
0.5
150
30
45
3.5
12
1N6623
880
1.55V @ 1.0A 1.80V @ 1.5A
800
0.5
150
50
60
4.2
18
1N6624
990
1.55V @ 1.0A 1.80V @ 1.5A
900
0.5
150
50
60
4.2
18
1N6625
1100
1.75V @ 1.0A 1.95V @ 1.5A
1000
1.0
200
60
80
5.0
30
NOTE 1: Low Current Reverse Recovery Time Test Conditions: IF=0.5A, IRM=1.0A, IR(REC) = 0.25A per MIL-STD-750,
Method 4031, Condition B.
NOTE 2: High Current Reverse Recovery Time Test Conditions: IF = 2 A, di/dt=100 A/μs MIL-STD-750, Method 4031,
Condition D.
SYMBOLS & DEFINITIONS
Symbol
Definition
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VRWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating
temperature range.
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
IR
Maximum Reverse Current: The maximum reverse (leakage) current that will flow at the specified voltage and
temperature.
C
Capacitance: The capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in
picofarads.
trr
Reverse Recovery Time: The time interval between the instant the current passes through zero when
changing from the forward direction to the reverse direction and a specified recovery decay point after a peak
reverse current is reached.
CHARTS AND GRAPHS
FIGURE 1
FIGURE 2
Typical Forward Current
Typical Forward Current
vs
vs
Forward Voltage
Forward Voltage
Microsemi
Scottsdale Division
Page 2
Copyright
© 2005
6-19-2005 REV B
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - 1N6624

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6624 MICROSEMI-1N6624 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6624 MICROSEMI-1N6624 Datasheet
325Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6624 MICROSEMI-1N6624 Datasheet
344Kb / 4P
   VOIDLESS-HERMETICALLYSEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
Semtech Corporation
1N6624 SEMTECH-1N6624 Datasheet
37Kb / 3P
   Axial Leaded Hermetically Sealed Ultra Fast Recovery Rectifier Diode
logo
Sensitron
1N6624 SENSITRON-1N6624 Datasheet
58Kb / 3P
   Ultrafast Recovery Rectifier
More results

Similar Description - 1N6624

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
FR201G HY-FR201G Datasheet
38Kb / 2P
   GLASS FAST RECOVERY RECTIFIERS
FR301G HY-FR301G Datasheet
38Kb / 2P
   GLASS FAST RECOVERY RECTIFIERS
FR101G HY-FR101G Datasheet
34Kb / 2P
   GLASS FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
1N5550 DIGITRON-1N5550 Datasheet
309Kb / 2P
   STANDARD RECOVERY GLASS RECTIFIERS
logo
HY ELECTRONIC CORP.
FR151G HY-FR151G Datasheet
38Kb / 2P
   GLASS FAST RECOVERY RECTIFIERS
FR601G HY-FR601G Datasheet
35Kb / 2P
   GLASS FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR101G SY-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301G HY-FR301G_1 Datasheet
86Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com