Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMIZ9960AL Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # IMIZ9960AL
Description  2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IMIZ9960AL Datasheet(HTML) 6 Page - Cypress Semiconductor

  IMIZ9960AL Datasheet HTML 1Page - Cypress Semiconductor IMIZ9960AL Datasheet HTML 2Page - Cypress Semiconductor IMIZ9960AL Datasheet HTML 3Page - Cypress Semiconductor IMIZ9960AL Datasheet HTML 4Page - Cypress Semiconductor IMIZ9960AL Datasheet HTML 5Page - Cypress Semiconductor IMIZ9960AL Datasheet HTML 6Page - Cypress Semiconductor IMIZ9960AL Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Z9960
Document #: 38-07087 Rev. *C
Page 6 of 7
© Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Cypress products are not warranted nor intended to be used for medical, life-support, life-saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress.
Package Drawing and Dimension
PowerPC is a trademark of IBM®. Pentium® is a trademark of Intel Corporation. All product or company names mentioned in this
document are the trademarks of their respective holders.
Ordering Information
Ordering Code
Package Name
Package Type
IMIZ9960AL
48 LQFP
Industrial, -40
°C to +85°C
IMIZ9960ALT
48 LQFP - Tape and Reel
Industrial, -40
°C to +85°C
48-Lead Thin Plastic Quad Flat Pack (7x7x1.4 mm) A48
51-85135-**


Similar Part No. - IMIZ9960AL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IMIZ9972 CYPRESS-IMIZ9972 Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
IMIZ9972BA CYPRESS-IMIZ9972BA Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
IMIZ9972BAT CYPRESS-IMIZ9972BAT Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
IMIZ9973BA CYPRESS-IMIZ9973BA Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
IMIZ9973BAT CYPRESS-IMIZ9973BAT Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
More results

Similar Description - IMIZ9960AL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29962 CYPRESS-CY29962 Datasheet
91Kb / 7P
   2.5V/3.3V, 150-MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com