Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62S310AFM Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TD62S310AFM
Description  TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62S310AFM Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TD62S310AFM Datasheet HTML 1Page - Toshiba Semiconductor TD62S310AFM Datasheet HTML 2Page - Toshiba Semiconductor TD62S310AFM Datasheet HTML 3Page - Toshiba Semiconductor TD62S310AFM Datasheet HTML 4Page - Toshiba Semiconductor TD62S310AFM Datasheet HTML 5Page - Toshiba Semiconductor TD62S310AFM Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TD62S310AFM
2001-12-05
2
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
-0.5~50
V
Output voltage
VOUT
-50
V
Collector-emitter voltage
VCEO
50
V
Output current
IOUT
-100
mA
Input voltage
VIN
-0.5~15
V
Power dissipation
PD (Note 4)
0.78
W
Rth (j-a)
(Note 4)
160
Saturated thermal resistance
Rth (j-c)
(Note 5)
25
°C/W
Operating temperature
Topr
-40~85
°C
Storage temperature
Tstg
-55~150
°C
Note 4: 114.3
´ 76.2 ´ 1.6 mm glass epoxy film substrate Cu heat dissipation pattern 100 mm
2
Note 5: When an infinite heat sink is mounted.
Recommended Operating Condition (Ta
==== ----40~85°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Supply voltage
VCC
¾
¾
¾
50
V
Output current
IOUT
Ta
= 60°C, Tj = 105°C
¾
¾
-100
mA
Input voltage
VIN
¾
¾
¾
12
V
Output ON
VIN (ON)
¾
2.0
5.0
12
Input voltage
Output OFF
VIN (OFF)
¾
0
¾
0.8
V
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output leakage current
ICEX
1
VIN = 0.4 V
¾
¾
10
mA
VIN = 2.0 V, IOUT = -70 mA
¾
¾
1.3
Output saturation voltage
VCE (sat)
2
VIN = 2.0 V, IOUT = -50 mA
¾
¾
1.1
V
VIN = 3.6 V
¾
240
350
mA
Input current
IIN (ON)
3
VIN = 12 V
¾
1.1
1.6
mA
VIN (ON)
VCE = 2.0 V, IOUT = -70 mA
¾
¾
2.0
Input voltage
VIN (OFF)
4
IOUT = -500 mA
0.5
¾
¾
V
Power dissipation
ICC (ON)
3
VIN = 5 V, VCC = 50 V
¾
¾
0.8
mA
Output pulldown resistor
Rpd
¾
¾
168
240
312
k
W
Turn-on delay
tON
¾
0.2
¾
Turn-off delay
tOFF
5
RL = 625 W, CL = 15 pF
¾
2.0
¾
ms


Similar Part No. - TD62S310AFM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62S011AFM TOSHIBA-TD62S011AFM Datasheet
86Kb / 8P
   1-Channel Sink-Current Driver
TD62S050AFM TOSHIBA-TD62S050AFM Datasheet
118Kb / 5P
   TD62S050AFM
TD62S051AFM TOSHIBA-TD62S051AFM Datasheet
91Kb / 8P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TD62S310AFM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62001APG TOSHIBA-TD62001APG Datasheet
329Kb / 13P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62S051AFM TOSHIBA-TD62S051AFM Datasheet
91Kb / 8P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2136F TOSHIBA-TA2136F Datasheet
145Kb / 7P
   TOSHIBA Bipolar Liner Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4012AFE TOSHIBA-TA4012AFE Datasheet
60Kb / 4P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com