Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS2P3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS2P3
Description  High Current Density Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2P3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS2P3 Datasheet HTML 1Page - Vishay Siliconix SS2P3 Datasheet HTML 2Page - Vishay Siliconix SS2P3 Datasheet HTML 3Page - Vishay Siliconix SS2P3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 88910
02-Nov-04
VISHAY
SS2P2, SS2P3 & SS2P4
Vishay Semiconductors
Electrical Characteristics
TA = 25 °C, unless otherwise specified
Notes:
(1) Pulse test: 300µs pulse width, 1 % duty cycle
Thermal Characteristics
TA = 25 °C, unless otherwise specified
Notes:
(1) Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 5.0 x 5.0mm copper pad areas. RθJL is mea-
sured at the terminal of cathode band. RθJC is measured at the top centre of the body
Parameter
Test condition
Symbol
Typ
Max.
Unit
Maximum instantaneous
forward voltage(1)
at IF = 2 A, TJ = 25 °C
at IF = 2 A, TJ = 125 °C
VF
0.50
0.43
0.55
0.50
V
Maximum reverse current at
rated VRM(1)
TJ = 25 °C
TJ = 125 °C
IR
-
8
150
15
µA
mA
Typical junction capacitance
at 4.0 V, 1 MHz
CJ
110
pF
Parameter
Symbol
SS2P2
SS2P3
SS2P4
Unit
Typical thermal resistance(1)
RθJA
RθJL
RθJC
115
15
20
°C/W


Similar Part No. - SS2P3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2P3 VISHAY-SS2P3 Datasheet
86Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P3 VISHAY-SS2P3 Datasheet
104Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-May-08
SS2P3 VISHAY-SS2P3 Datasheet
87Kb / 4P
   High Current Density Surface Mount High Current Density Surface Mount
Revision: 02-Aug-13
SS2P3 VISHAY-SS2P3 Datasheet
87Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 02-Aug-13
SS2P3 VISHAY-SS2P3 Datasheet
82Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 02-Aug-13
More results

Similar Description - SS2P3

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS10P30-60 BWTECH-SS10P30-60 Datasheet
197Kb / 3P
   High Current Density Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS5P3 VISHAY-SS5P3_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS5P5 VISHAY-SS5P5_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 28-Jun-11
SS10P3 VISHAY-SS10P3_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS5P3 VISHAY-SS5P3 Datasheet
105Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 22-Nov-07
SS1P3 VISHAY-SS1P3 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-May-08
SS5P9 VISHAY-SS5P9 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 29-Jul-08
SS8P2L VISHAY-SS8P2L Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 30-Jul-08
SS2P5 VISHAY-SS2P5_15 Datasheet
83Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P5 VISHAY-SS2P5_V01 Datasheet
101Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS5P3 VISHAY-SS5P3_V01 Datasheet
109Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com