Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP34063A Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP34063A
Description  1.5A Buck/Boost/Inverting DC-DC Switching Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP34063A Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP34063A Datasheet HTML 2Page - Sipex Corporation SP34063A Datasheet HTML 3Page - Sipex Corporation SP34063A Datasheet HTML 4Page - Sipex Corporation SP34063A Datasheet HTML 5Page - Sipex Corporation SP34063A Datasheet HTML 6Page - Sipex Corporation SP34063A Datasheet HTML 7Page - Sipex Corporation SP34063A Datasheet HTML 8Page - Sipex Corporation SP34063A Datasheet HTML 9Page - Sipex Corporation SP34063A Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Date: 1/11/05
SP34063A 1.5A Buck/Boost/Inverting DC-DC Switching Regulator
© Copyright 2005 Sipex Corporation
Figure 6. Common Emitter Configuration Output Switch
Saturation vs. Collector Current
Figure 1. Output Switch On-Off Time vs. Oscillator
Timing Capacitor
Figure 2. Timing Capacitor Waveform
Figure 3. Osillator Frequency vs. Timing Capacitor
TYPICAL PERFORMANCE CHARACTERISTICS
1.37
1.38
1.39
1.4
1.41
1.42
1.43
1.44
1.45
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Emitter Current (A)
VCC = 5V
PINS 1,7,8 = VCC
PINS 3,5 = GND
TA = 25ºC
0
0.2
0.4
0.6
0.8
1
1.2
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
Collector Current (A)
Darlington
Forced Beta = 20
VCC = 5V
PINS 7 = V
CC
PINS 2,3,5 = GND
TA = 25ºC
250
255
260
265
270
275
280
285
290
295
300
-50
0
50
100
150
Temperature
0
0.5
1
1.5
2
2.5
3
3.5
05
10
15
20
25
30
35
40
Vcc Supply Voltage (V)
C
T = 1.0nF
PINS 7 = V
CC
PINS 2 = GND
Figure 7. Current Limit Sense Voltage vs. Tempera-
ture
Figure 4. Standard Supply Current vs. Supply Voltage
1
10
100
1000
10000
0.1
1
10
100
Oscillator Timing Capacitor (nF)
toff
ton
V
CC = 5V
PINS 7 = V
CC
PINS 5 = GND
T
A = 25ºC
0.1
1
10
100
1000
0.1
1
10
100
CT, Oscillator Timing Capacitor (nF)
V
CC
= 5V
Pin7 = VCC
Pin5 = GND
T
A
=25ºC
Figure 5. Emitter Follower Configuration Output
Switch Saturation vs. Emitter Current
VCC = 5V
CT = 1nF
TA = 25ºC


Similar Part No. - SP34063A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
SP34063AEN-L EXAR-SP34063AEN-L Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
SP34063AEN-TR EXAR-SP34063AEN-TR Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
More results

Similar Description - SP34063A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
   Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
   Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6019 ETC2-XL6019 Datasheet
615Kb / 13P
   220KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
XLSEMI
XL6007 XLSEMI-XL6007 Datasheet
176Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6008 ETC2-XL6008 Datasheet
302Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com