Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5038S Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SM5038S
Description  RF DECODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5038S Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  SM5038S Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5038S Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5038S Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5038S Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5038S Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5038S Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5038S Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5038S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DC ELECTRICAL CHARACTERISTICS
VDD
VDD=5V OSC stop
LIMIT
MIN.
TYP.
MAX.
µ
Page 6
A
mA
mA
Operating Voltage
ISTB
IDD
IO
IO
IVT
FOCS
V1.0
ABSOLUTE MAXIMUM RATINGS
Symbol
VI - Vss
Vss - VDD
Topr
Tstg
Supply Voltage
Input Voltage
Operating Temperature
Storage Temperature
VDD - Vss = 12V
-0.3~13
Vss-0.3~VDD+0.3
-20~75
-50~125
Unit
V
V
oC
oC
Parameter
Conditions
Ratings
SYMBOL
PARAMETER
CONDITIONS
UNIT
Standby Current
Operating Current
Data Output Source
Current (D8~D11)
Data Output Sink
Current (D8~D11)
VT Output Source Current
VT Output Sink Current
"H" Input Voltage
"L" Input Voltage
Oscillator Frequency
V
A
A
µ
µ
mA
mA
V
V
2.4
5
12
-
0.1
1
-
2
4
-
-1
1
200
-1.6
1.6
400
-
-
-1
1
3.5
0
-1.6
1.6
-
-
-
-
5
1
VDD=12V OSC stop
VDD=5V No load
Fosc=150kHz
VDD=5V
VOH=4.5V
-
150
-
kHz
VDD=5V
VOL=0.5V
VDD=5V VOH=4.5V
VDD=5V VOL=0.5V
- (VDD=5V)
- (VDD=5V)
VDD=5V
ROSC=51k
VIH
VIL
(Ta=25 oC)
SM5038RF
212 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Similar Part No. - SM5038S

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5038 SILICONMITUS-SM5038 Datasheet
214Kb / 2P
   Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger, QC2.0, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor
May 2021 Rev1.0.0
More results

Similar Description - SM5038S

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKK6111 EMC-EKK6111 Datasheet
236Kb / 26P
   RF Keyboard Decoder
logo
SamHop Microelectronics...
SM5272B SAMHOP-SM5272B Datasheet
52Kb / 12P
   3 RF DECODER
logo
rfsolutions.ltd
HIRK-315 RFSOLUTIONS-HIRK-315 Datasheet
172Kb / 10P
   RF RECEIVER DECODER HYBRID
AM-HIRK RFSOLUTIONS-AM-HIRK Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
logo
THOR communications
H-IRD-V3 THOR-H-IRD-V3 Datasheet
640Kb / 1P
   Decoder for ASI, IP, RF
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
SamHop Microelectronics...
SM5032C SAMHOP-SM5032C Datasheet
28Kb / 6P
   DECODER
logo
List of Unclassifed Man...
BT829A ETC-BT829A Datasheet
1Mb / 136P
   VideoStream DECODER
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com