Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29PL127J60 Datasheet(PDF) 11 Page - SPANSION

Part # S29PL127J60
Description  CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL127J60 Datasheet(HTML) 11 Page - SPANSION

Back Button S29PL127J60 Datasheet HTML 7Page - SPANSION S29PL127J60 Datasheet HTML 8Page - SPANSION S29PL127J60 Datasheet HTML 9Page - SPANSION S29PL127J60 Datasheet HTML 10Page - SPANSION S29PL127J60 Datasheet HTML 11Page - SPANSION S29PL127J60 Datasheet HTML 12Page - SPANSION S29PL127J60 Datasheet HTML 13Page - SPANSION S29PL127J60 Datasheet HTML 14Page - SPANSION S29PL127J60 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
April 7, 2005 31107A62
S29PL127J/S29PL129J/S29PL064J/S29PL032J
9
PRE L I M INARY
128 Mb Products Based on 110 nm Floating Gate Technology
Valid FBGA Package
Combinations
Package Marking
Temperature
Speed
VIO
CE#
Configuration
Package Type
S29PL129J55BAI00
PL129J55BAI00
(-40 - +85 º C)
55 ns
(Note)
3.0 V
Dual CE#
11 x 8 mm
80 ball FBGA
Standalone Package
VBG080
S29PL129J55BAW00
PL129J55BAW00
(-25 - +85 º C)
S29PL129J60BAI00
PL129J60BAI00
(-40 - +85 º C)
60 ns
S29PL129J60BAW00
PL129J60BAW00
(-25 - +85 º C)
S29PL129J70BAI00
PL129J70BAI00
(-40 - +85 º C)
70 ns
S29PL129J70BAW00
PL129J70BAW00
(-25 - +85 º C)
S29PL129J65BAI01
PL129J60BAI01
(-40 - +85 º C)
65 ns
1.8 V
S29PL129J65BAW01
PL129J60BAW01
(-25 - +85 º C)
S29PL129J70BAI01
PL129J70BAI01
(-40 - +85 º C)
70 ns
S29PL129J70BAW01
PL129J70BAW01
(-25 - +85 º C)
S29PL127J55BAI00
PL127J55BAI00
(-40 - +85 º C)
55 ns
(Note)
3.0 V
Single CE#
S29PL127J55BAW00
PL127J55BAW00
(-25 - +85 º C)
S29PL127J60BAI00
PL127J60BAI00
(-40 - +85 º C)
60 ns
S29PL127J60BAW00
PL127J60BAW00
(-25 - +85 º C)
S29PL127J70BAI00
PL127J70BAI00
(-40 - +85 º C)
70 ns
S29PL127J70BAW00
PL127J70BAW00
(-25 - +85 º C)
S29PL127J65BAI01
PL127J60BAI01
(-40 - +85 º C)
65 ns
1.8 V
S29PL127J65BAW01
PL127J60BAW01
(-25 - +85 º C)
S29PL127J70BAI01
PL127J70BAI01
(-40 - +85 º C)
70 ns
S29PL127J70BAW01
PL127J70BAW01
(-25 - +85 º C)
S29PL127J55BAI02
PL127J55BAI02
(-40 - +85 º C)
55 ns
(Note)
3.0 V
8 x 11.6 mm
64 ball FBGA
MCP-Compatible
VBH064
S29PL127J55BAW02
PL127J55BAW02
(-25 - +85 º C)
S29PL127J60BAI02
PL127J60BAI02
(-40 - +85 º C)
60 ns
S29PL127J60BAW02
PL127J60BAW02
(-25 - +85 º C)
S29PL127J70BAI02
PL127J70BAI02
(-40 - +85 º C)
70 ns
S29PL127J70BAW02
PL127J70BAW02
(-25 - +85 º C)
S29PL127J55TAI13
PL127J55TAI13
(-40 - +85 º C)
55
(Note)
20 x 14 mm
56-pin TSOP
TS056
S29PL127J55TAW13
PL127J55TAW13
(-25 - +85 º C)
S29PL127J60TAI13
PL127J60TAI13
(-40 - +85 º C)
60
S29PL127J60TAW13
PL127J60TAW13
(-25 - +85 º C)
S29PL127J70TAI13
PL127J70TAI13
(-40 - +85 º C)
70
S29PL127J70TAW13
PL127J70TAW13
(-25 - +85 º C)
S29PL127J55TFI13
PL127J55TFI13
(-40 - +85 º C)
55
(Note)
S29PL127J55TFW13
PL127J55TFW13
(-25 - +85 º C)


Similar Part No. - S29PL127J60

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL127J SPANSION-S29PL127J Datasheet
2Mb / 100P
   CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
More results

Similar Description - S29PL127J60

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL-J SPANSION-S29PL-J Datasheet
1Mb / 96P
   CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL064J70BFI120 SPANSION-S29PL064J70BFI120 Datasheet
2Mb / 100P
   CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
AM29PDL640G SPANSION-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL640G AMD-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com