Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE78L05 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SE78L05
Description  5V POSITIVE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SE78L05 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SE78L05 Datasheet HTML 1Page - List of Unclassifed Manufacturers SE78L05 Datasheet HTML 2Page - List of Unclassifed Manufacturers SE78L05 Datasheet HTML 3Page - List of Unclassifed Manufacturers SE78L05 Datasheet HTML 4Page - List of Unclassifed Manufacturers SE78L05 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2004. • www.seawardinc.com • Page 4
SEAWARD
ELECTRONICS
5V Positive Voltage
Regulator (Preliminary)
SE78L05
Outline Drawing TO-92
A
B
D
E
G
F
H
K
J
MIN MAX MIN MAX
A
0.175 0.205 4.445 5.207
B
0.170 0.210 4.318 5.334
E
0.500 0.610 12.70 15.50
F
0.016 0.021 0.407 0.533
G
0.045 0.055 1.143 1.397
H
0.095 0.105 2.413 2.667
J
0.080 0.105 2.032 2.667
K
0.125 0.165 3.175 4.191
DIM
N
INCHES
MM
DIMENSIONS
Outline Drawing SOT-89
A
C
D
G
H
I
J
K
L
SOT-89
MINMAX
MINMAX
A
0.173
0.181
4.400
4.600
B
0.159
0.167
4.050
4.250
C
0.067
0.075
1.700
1.900
D
0.051
0.059
1.300
1.500
E
0.094
0.102
2.400
2.600
F
0.035
0.047
0.890
1.200
G
H
I
0.016
0.020
0.400
0.520
J
0.055
0.063
1.400
1.600
K
0.014
0.016
0.350
0.410
L
M
DIM
N
INCHES
MM
DIMENSIONS
0.70REF
10°TYP
0.028REF
10°TYP
3.00REF
1.50REF
0.118REF
0.059REF


Similar Part No. - SE78L05

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE78L05D SEAWARD-SE78L05D Datasheet
166Kb / 5P
   5V Positive Voltage Regulator
More results

Similar Description - SE78L05

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE78L05D SEAWARD-SE78L05D Datasheet
166Kb / 5P
   5V Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE78L05S ACE-ACE78L05S Datasheet
409Kb / 6P
   5V 3-Terminal Positive Voltage Regulator
VER1.2
logo
Fairchild Semiconductor
MC78L05AB FAIRCHILD-MC78L05AB_12 Datasheet
51Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
logo
NTE Electronics
NTE1934X NTE-NTE1934X Datasheet
21Kb / 2P
   Integrated Circuit Positive Voltage Regulator, 5V, 2A
logo
Fairchild Semiconductor
KA78L05AI FAIRCHILD-KA78L05AI Datasheet
59Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
logo
NTE Electronics
NTE1934 NTE-NTE1934 Datasheet
22Kb / 2P
   Integrated Circuit Positive Voltage Regulator, 5V, 2A
logo
Fairchild Semiconductor
MC78L05AB FAIRCHILD-MC78L05AB Datasheet
38Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
logo
NTE Electronics
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
NTE932 NTE-NTE932 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 5A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com