Part Name
         Description
BCR3KM

 LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE ( 5 Page)


MITSUBISHI
100% 
Zoom Out Zoom In
   
 4 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR3KM
LOW POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
30
40
50
60
70
80
90
100
110
120
130
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
CURVES APPLY
REGARDLESS
OF CONDUCTION
ANGLE
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
0
20
40
60
80
100
120
140
160
02468
1357
ALL FINS ARE BLACK PAINTED
ALUMINUM AND GREASED
100 100 t2.3
120 120 t2.3
60 60 t2.3
CURVES APPLY
REGARDLESS OF
CONDUCTION ANGLE
RESISTIVE,
INDUCTIVE LOADS
NATURAL CONVECTION
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
0
20
40
60
80
100
120
140
160
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2
NATURAL CONVECTION
NO FINS
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
RESISTIVE, INDUCTIVE LOADS
REPETITIVE PEAK OFF-STATE
CURRENT VS. JUNCTION
TEMPERATURE
JUNCTION TEMPERATURE (
°C)
102
103
2
3
5
7
104
2
3
5
7
105
2
3
5
7
–60
–20
20
60
100
140
–40
0
40
80
120
TYPICAL EXAMPLE
JUNCTION TEMPERATURE (
°C)
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
101
102
2
3
4
5
7
103
2
3
4
5
7
–60 –40
0
40
80
120
–20
20
60
100
140
TYPICAL EXAMPLE
100
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
–60
–20
20
60
100
140
–40
0
40
80
120
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
T2
+, G+
T2
, G
TYPICAL
EXAMPLE
T2
+, G
TYPICAL
EXAMPLE
DISTRIBUTION
LACHING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCR2PMLOW POWER USE INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
BCR3KM-14LOW POWER USE INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 Mitsubishi Electric Semiconductor
BCR3PMLOW POWER USE INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
BCR5PMLOW POWER USE INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
BCR8PM-14MEDIUM POWER USE INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
BCR1AM-8LOW POWER USE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CR02AM-4LOW POWER USE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
BCR10PMMEDIUM POWER USE INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
BCR8PM-18MEDIUM POWER USE INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
BCR3AMLOW POWER USE NON-INSULATED TYPE PLANAR PASSIVATION TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl