Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6103 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6103
Description  Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6103 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6103 Datasheet HTML 1Page - Maxim Integrated Products MAX6103 Datasheet HTML 2Page - Maxim Integrated Products MAX6103 Datasheet HTML 3Page - Maxim Integrated Products MAX6103 Datasheet HTML 4Page - Maxim Integrated Products MAX6103 Datasheet HTML 5Page - Maxim Integrated Products MAX6103 Datasheet HTML 6Page - Maxim Integrated Products MAX6103 Datasheet HTML 7Page - Maxim Integrated Products MAX6103 Datasheet HTML 8Page - Maxim Integrated Products MAX6103 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX6100–MAX6107 are low-cost, low-dropout
(LDO), micropower voltage references. These three-ter-
minal references are available with output voltage options
of 1.25V, 1.8V, 2.048V, 2.5V, 3V, 4.096V, 4.5V, and 5V.
They feature a proprietary curvature-correction circuit
and laser-trimmed, thin-film resistors that result in a low
temperature coefficient of 75ppm/°C (max) and an initial
accuracy of ±0.4% (max). These devices are specified
over the extended temperature range (-40°C to +85°C).
These series-mode voltage references draw only 90µA of
supply current and can source 5mA and sink 2mA of load
current. Unlike conventional shunt-mode (two-terminal)
references that waste supply current and require an
external resistor, these devices offer a supply current that
is virtually independent of the supply voltage (with only a
4µA/V variation with supply voltage) and do not require
an external resistor. Additionally, these internally compen-
sated devices do not require an external compensation
capacitor and are stable with load capacitance.
Eliminating the external compensation capacitor saves
valuable board area in space-critical applications. Low-
dropout voltage and supply independent, ultra-low sup-
ply current make these devices ideal for battery-operat-
ed, high-performance, low-voltage systems.
The MAX6100–MAX6107 are available in tiny 3-pin
SOT23 packages.
Applications
Portable Battery-Powered Systems
Notebook Computers
PDAs, GPSs, DMMs
Cellular Phones
Hard-Disk Drives
Features
o Ultra-Small 3-Pin SOT23 Package
o Low Cost
o No Output Capacitor Required
o Stable with Capacitive Loads
o Load Regulation (2mA Sink): 8mV/mA (max)
Load Regulation (5mA Source): 0.9mV/mA (max)
o ±0.4% (max) Initial Accuracy
o Low 75ppm/°C Temperature Coefficient
o 125µA (max) Quiescent Supply Current
o 50mV Dropout at 1mA Load Current
Low-Cost, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
________________________________________________________________ Maxim Integrated Products
1
19-1613; Rev 3; 3/02
Ordering Information
Selector Guide
Note: There is a minimum order increment of 2500 pieces for
SOT23 packages.
IN
+SUPPLY INPUT (SEE
SELECTOR GUIDE)
OUT
REFERENCE
OUT
1
µF*
*CAPACITORS ARE OPTIONAL.
GND
MAX6100–MAX6107
*
Typical Operating Circuit
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX6100EUR-T
-40°C to +85°C
3 SOT23-3
FZID
MAX6101EUR-T
-40°C to +85°C
3 SOT23-3
FZGT
MAX6102EUR-T
-40°C to +85°C
3 SOT23-3
FZGU
MAX6103EUR-T
-40°C to +85°C
3 SOT23-3
FZGV
MAX6104EUR-T
-40°C to +85°C
3 SOT23-3
FZGW
MAX6105EUR-T
-40°C to +85°C
3 SOT23-3
FZGX
MAX6106EUR-T
-40°C to +85°C
3 SOT23-3
FZJR
MAX6107EUR-T
-40°C to +85°C
3 SOT23-3
FZMV
PART
OUTPUT
VOLTAGE (V)
INPUT VOLTAGE
RANGE (V)
MAX6100
1.800
2.5 to 12.6
MAX6101
1.250
2.5 to 12.6
MAX6102
2.500
(VOUT + 200mV) to 12.6
MAX6103
3.000
(VOUT + 200mV) to 12.6
MAX6104
4.096
(VOUT + 200mV) to 12.6
MAX6105
5.000
(VOUT + 200mV) to 12.6
MAX6106
2.048
2.5 to 12.6
MAX6107
4.5
(VOUT + 200mV) to 12.6
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX6103

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6103 MAXIM-MAX6103 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6103EUR-T MAXIM-MAX6103EUR-T Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
More results

Similar Description - MAX6103

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6161 MAXIM-MAX6161 Datasheet
335Kb / 17P
   Precision, Micropower, Low-Dropout, High- Output-Current, SO-8 Voltage References
Rev 2; 2/02
MAX6161 MAXIM-MAX6161_V01 Datasheet
2Mb / 17P
   Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
   Micropower Low Dropout References
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com