Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T7285L5BBI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72T7285L5BBI
Description  2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T7285L5BBI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72T7285L5BBI Datasheet HTML 4Page - Integrated Device Technology IDT72T7285L5BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T7285L5BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T7285L5BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T7285L5BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T7285L5BBI Datasheet HTML 9Page - Integrated Device Technology IDT72T7285L5BBI Datasheet HTML 10Page - Integrated Device Technology IDT72T7285L5BBI Datasheet HTML 11Page - Integrated Device Technology IDT72T7285L5BBI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T7285/72T7295/72T72105/72T72115 2.5V TeraSync
 72-BIT FIFO
16,384 x 72, 32,768 x 72, 65,536 x 72, 131,072 x 72
TRST(2)
JTAG Reset
HSTL-LVTTL
TRSTisanasynchronousresetpinfortheJTAGcontroller.TheJTAGTAPcontrollerdoesnotautomatically
INPUT
reset upon power-up, thus it must be reset by either this signal or by setting TMS= HIGH for five TCK cycles.
If the TAP controller is not properly reset then the FIFO outputs will always be in high-impedance. If the JTAG
function is used but the user does not want to use
TRST, then TRST can be tied with MRS to ensure proper
FIFO operation. If the JTAG function is not used then this signal needs to be tied to GND.
WEN
WriteEnable
HSTL-LVTTL When Synchronous operation of the write port has been selected,
WEN enables WCLK for writing data into
INPUT
the FIFO memory and offset registers. If Asynchronous operation of the write port has been selected, the
WEN input should be tied LOW.
WCS
WriteChipSelect
HSTL-LVTTL This pin disables the write port data inputs when the device write port is configured for HSTL mode. This
INPUT
provides added power savings.
WCLK/
WriteClock/
HSTL-LVTTL If Synchronous operation of the write port has been selected, when enabled by
WEN,therisingedgeofWCLK
WR
WriteStrobe
INPUT
writes data into the FIFO. If Asynchronous operation of the write port has been selected, WR writes data into
the FIFO on a rising edge in an Asynchronous manner, (
WEN should be tied to its active state).
WHSTL(1) Write Port HSTL
LVTTL
This pin is used to select HSTL or 2.5V LVTTL inputs for the FIFO. If HSTL inputs are required, this input must
Select
INPUT
be tied HIGH. Otherwise it should be tied LOW.
VCC
+2.5v Supply
I
These are Vcc supply inputs and must be connected to the 2.5V supply rail.
GND
Ground Pin
I
These are Ground pins and must be connected to the GND rail.
Vref
Reference
I
This is a Voltage Reference input and must be connected to a voltage level determined from the table,
Voltage
“Recommended DC Operating Conditions”. This provides the reference voltage when using HSTL class
inputs. If HSTL class inputs are not being used, this pin should be tied LOW.
VDDQ
O/P Rail Voltage
I
This pin should be tied to the desired voltage rail for providing power to the output drivers.
PIN DESCRIPTION (CONTINUED)
Symbol
Name
I/O TYPE
Description
NOTES:
1. Inputs should not change state after Master Reset.
2. These pins are for the JTAG port. Please refer to pages 29-31 and Figures 6-8.


Similar Part No. - IDT72T7285L5BBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72T7285L5BBG RENESAS-IDT72T7285L5BBG Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
IDT72T7285L5BBGI RENESAS-IDT72T7285L5BBGI Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
More results

Similar Description - IDT72T7285L5BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72T72115L5BBGI IDT-72T72115L5BBGI Datasheet
471Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
72T7285 IDT-72T7285 Datasheet
358Kb / 54P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T7285 RENESAS-IDT72T7285 Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645 Datasheet
556Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com