Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T72105L4BBI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72T72105L4BBI
Description  2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T72105L4BBI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72T72105L4BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T72105L4BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T72105L4BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T72105L4BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T72105L4BBI Datasheet HTML 9Page - Integrated Device Technology IDT72T72105L4BBI Datasheet HTML 10Page - Integrated Device Technology IDT72T72105L4BBI Datasheet HTML 11Page - Integrated Device Technology IDT72T72105L4BBI Datasheet HTML 12Page - Integrated Device Technology IDT72T72105L4BBI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T7285/72T7295/72T72105/72T72115 2.5V TeraSync
 72-BIT FIFO
16,384 x 72, 32,768 x 72, 65,536 x 72, 131,072 x 72
Symbol
Rating
Commercial
Unit
VTERM
TerminalVoltage
–0.5 to +3.6(2)
V
with respect to GND
TSTG
StorageTemperature
–55 to +125
°C
IOUT
DC Output Current
–50 to +50
mA
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 2.5V ± 0.125V, TA = 0
°C to +70°C;Industrial: VCC = 2.5V ± 0.125V, TA = -40°C to +85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.375
2.5
2.625
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
 LVTTL
1.7
3.45
V
 eHSTL
VREF+0.2
VDDQ+0.3
V
 HSTL
VREF+0.2
VDDQ+0.3
V
VIL
Input Low Voltage
 LVTTL
-0.3
0.7
V
 eHSTL
-0.3
VREF-0.2
V
 HSTL
-0.3
VREF-0.2
V
VREF(1)
VoltageReferenceInput
 eHSTL
0.8
0.9
1.0
V
 HSTL
0.68
0.75
0.9
V
TA
OperatingTemperatureCommercial
0
70
°C
TA
OperatingTemperatureIndustrial
-40
85
°C
Symbol
Parameter
Min.
Max.
Unit
ILI
InputLeakageCurrent
–10
10
µA
ILO
OutputLeakageCurrent
–10
10
µA
VOH(5)
Output Logic “1” Voltage,
IOH = –8 mA @VDDQ = 2.5V
± 0.125V (LVTTL)
VDDQ -0.4
V
IOH = –8 mA @VDDQ = 1.8V
± 0.1V (eHSTL)
VDDQ -0.4
V
IOH = –8 mA @VDDQ = 1.5V
± 0.1V (HSTL)
VDDQ -0.4
V
VOL
Output Logic “0” Voltage,
IOL = 8 mA
@VDDQ = 2.5V
± 0.125V (LVTTL)
0.4V
V
IOL = 8 mA
@VDDQ = 1.8V
± 0.1V (eHSTL)
0.4V
V
IOL = 8 mA
@VDDQ = 1.5V
± 0.1V (HSTL)
0.4V
V
ICC1(1,2)
Active VCC Current (VCC = 2.5V)
I/O = LVTTL
80
mA
I/O = HSTL
130
mA
I/O = eHSTL
130
mA
ICC2(1)
Standby VCC Current (VCC = 2.5V)
I/O = LVTTL
20
mA
I/O = HSTL
90
mA
I/O = eHSTL
90
mA
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Compliant with JEDEC JESD8-5. VCC terminal only.
NOTE:
1. VREF is only required for HSTL or eHSTL inputs. VREF should be tied LOW for LVTTL operation.
2. Outputs are not 3.3V tolerant.
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN(2,3)
Input
VIN = 0V
10(3)
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
NOTES:
1. Both WCLK and RCLK toggling at 20MHz. Data inputs toggling at 10MHz.
WCS = HIGH, REN or RCS = HIGH.
2. Typical ICC1 calculation:
for LVTTL I/O ICC1 (mA) = 2.24mA x fs, fs = WCLK frequency = RCLK frequency (in MHz)
for HSTL or eHSTL I/O ICC1 (mA) = 55mA + (2.24mA x fs), fs = WCLK frequency = RCLK frequency (in MHz)
3. Typical IDDQ calculation: With Data Outputs in High-Impedance: IDDQ (mA) = 0.15mA x fs
With Data Outputs in Low-Impedance: IDDQ (mA) = (CL x VDDQ x fs x N)/2000
fs = WCLK frequency = RCLK frequency (in MHz), VDDQ = 2.5V for LVTTL; 1.5V for HSTL; 1.8V for eHSTL, N = Number of outputs switching.
tA = 25
°C, CL = capacitive load (pf).
4. Total Power consumed: PT = (VCC x ICC) + VDDQ x IDDQ).
5. Outputs are not 3.3V tolerant.
CAPACITANCE (TA= +25
°C, f = 1.0MHz)
NOTES:
1. With output deselected, (
OE
≥ VIH).
2. Characterized values, not currently tested.
3. CIN for Vref is 20pF.


Similar Part No. - IDT72T72105L4BBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72T72105L4-4BBG RENESAS-IDT72T72105L4-4BBG Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
IDT72T72105L4-4BBGI RENESAS-IDT72T72105L4-4BBGI Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
More results

Similar Description - IDT72T72105L4BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72T72115L5BBGI IDT-72T72115L5BBGI Datasheet
471Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
72T7285 IDT-72T7285 Datasheet
358Kb / 54P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T7285 RENESAS-IDT72T7285 Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645 Datasheet
556Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com