Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6107EUR-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6107EUR-T
Description  Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6107EUR-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6107EUR-T Datasheet HTML 1Page - Maxim Integrated Products MAX6107EUR-T Datasheet HTML 2Page - Maxim Integrated Products MAX6107EUR-T Datasheet HTML 3Page - Maxim Integrated Products MAX6107EUR-T Datasheet HTML 4Page - Maxim Integrated Products MAX6107EUR-T Datasheet HTML 5Page - Maxim Integrated Products MAX6107EUR-T Datasheet HTML 6Page - Maxim Integrated Products MAX6107EUR-T Datasheet HTML 7Page - Maxim Integrated Products MAX6107EUR-T Datasheet HTML 8Page - Maxim Integrated Products MAX6107EUR-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Low-Cost, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX6101, VOUT = 1.25V
(VIN = 5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
IN .........................................................................-0.3V to +13.5V
OUT .............................................................-0.3V to (VIN + 0.3V)
Output Short-Circuit to GND or IN (VIN < 6V) ............Continuous
Output Short-Circuit to GND or IN (VIN
≥ 6V) .........................60s
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT23 (derate 4.0mW/°C above +70°C)............320mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
-40°C to +85°C
2.5V
≤ VIN ≤ 12.6V
0°C to +70°C
TA = +25°C
Guaranteed by line-regulation test
To VOUT = 0.1% of final value, COUT = 50pF
VIN = 5V ±100mV, f = 120Hz
1000hr at +25°C
Short to IN
2.5V
≤ VIN ≤ 12.6V
Sourcing: 0
≤ IOUT ≤ 5mA
Sinking: -2mA
≤ IOUT ≤ 0
f = 10Hz to 10kHz
Short to GND
f = 0.1Hz to 10Hz
CONDITIONS
µA/V
48
IIN/VIN
Change in Supply Current
µA
90
125
IIN
Quiescent Supply Current
V
2.5
12.6
VIN
Supply Voltage Range
µs
50
tR
Turn-On Settling Time
dB
86
∆VOUT/
∆VIN
Ripple Rejection
µVRMS
15
µVP-P
13
eOUT
Noise Voltage
75
ppm/°C
65
TCVOUT
V
1.245
1.250
1.255
VOUT
Output Voltage
Output Voltage Temperature
Coefficient (Notes 2, 3)
ppm
130
∆VOUT/
cycle
Output Voltage Hysteresis
(Note 4)
ppm/
1000hr
50
∆VOUT/
time
Long-Term Stability
12
µV/V
90
∆VOUT/
∆VIN
Line Regulation
mV/mA
0.9
∆VOUT/
∆IOUT
Load Regulation
3.0
mA
110
ISC
OUT Short-Circuit Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DYNAMIC CHARACTERISTICS
INPUT CHARACTERISTICS


Similar Part No. - MAX6107EUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX610 MAXIM-MAX610 Datasheet
133Kb / 12P
   AC-to-DC Regulator(110/220VAC to 5.0VDC)
Rev 1; 12/94
MAX6100EUR MAXIM-MAX6100EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6101EUR-T MAXIM-MAX6101EUR-T Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
More results

Similar Description - MAX6107EUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6161 MAXIM-MAX6161 Datasheet
335Kb / 17P
   Precision, Micropower, Low-Dropout, High- Output-Current, SO-8 Voltage References
Rev 2; 2/02
MAX6161 MAXIM-MAX6161_V01 Datasheet
2Mb / 17P
   Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
   Micropower Low Dropout References
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com