Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62LV4008STCP70 Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS62LV4008STCP70
Description  Very Low Power/Voltage CMOS SRAM 512K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV4008STCP70 Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS62LV4008STCP70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV4008STCP70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV4008STCP70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV4008STCP70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV4008STCP70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV4008STCP70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV4008STCP70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV4008STCP70 Datasheet HTML 9Page - Brilliance Semiconductor BS62LV4008STCP70 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Revision 1.1
Jan.
2004
6
JEDEC
PARAMETER
NAME
DESCRIPTION
UNIT
t
AVAX
t
WC
Write Cycle Time
55
--
--
70
--
--
ns
t
E1LWH
t
CW
Chip Select to End of Write
55
--
--
70
--
--
ns
t
AVWL
t
AS
Address Set up Time
0
--
--
0
--
--
ns
t
AVWH
t
AW
Address Valid to End of Write
55
--
--
70
--
--
ns
t
WLWH
t
WP
Write Pulse Width
30
--
--
35
--
--
ns
t
WHAX
t
WR
Write Recovery Time
(CE , WE)
0
--
--
0
--
--
ns
t
WLOZ
t
WHZ
Write to Output in High Z
--
--
25
--
--
30
ns
t
DVWH
t
DW
Data to Write Time Overlap
25
--
--
30
--
--
ns
t
WHDX
t
DH
Data Hold from Write Time
0
--
--
0
--
--
ns
t
GHOZ
t
OHZ
Output Disable to Output in High Z
--
--
25
--
--
30
ns
t
WHQX
t
OW
Endot Write to Output Active
5
--
--
5
--
--
ns
R0201-BS62LV4008
AC ELECTRICAL CHARACTERISTICS ( TA = -40 to + 85oC )
WRITE CYCLE
BSI
BS62LV4008
PARAMETER
NAME
MIN.
TYP.
MAX.
(Vcc = 3.0~3.6V)
MIN.
TYP.
MAX.
(Vcc = 2.7~3.6V)
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITE CYCLE1 (1)
t WR
(3)
t CW
(11)
(2)
t WP
t AW
t OHZ
(4,10)
t AS
t DH
t DW
D
IN
D
OUT
WE
CE
OE
ADDRESS
(5)
t WC
CYCLE TIME : 55ns
CYCLE TIME : 70ns


Similar Part No. - BS62LV4008STCP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000STC BSI-BS62LV4000STC Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000STI BSI-BS62LV4000STI Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000TC BSI-BS62LV4000TC Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000TI BSI-BS62LV4000TI Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
More results

Similar Description - BS62LV4008STCP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4007 BSI-BS62LV4007 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006 Datasheet
374Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006_08 Datasheet
403Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com