Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33411BFTA Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC33411BFTA
Description  900 MHZ ANALOG CORDLESS PHONE BASEBAND WITH COMPANDER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33411BFTA Datasheet(HTML) 2 Page - Motorola, Inc

  MC33411BFTA Datasheet HTML 1Page - Motorola, Inc MC33411BFTA Datasheet HTML 2Page - Motorola, Inc MC33411BFTA Datasheet HTML 3Page - Motorola, Inc MC33411BFTA Datasheet HTML 4Page - Motorola, Inc MC33411BFTA Datasheet HTML 5Page - Motorola, Inc MC33411BFTA Datasheet HTML 6Page - Motorola, Inc MC33411BFTA Datasheet HTML 7Page - Motorola, Inc MC33411BFTA Datasheet HTML 8Page - Motorola, Inc MC33411BFTA Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
MC33411A/B
2
MOTOROLA RF/IF DEVICE DATA
Mod Ctl
Mod Ctl
Figure 1. Test Circuit
VCC
VCC
VCC
VCC
VCC
VCC
VCC
Audio
VB
SCF Clk
SPI
SPI
SPI
SPI
RSSI In
Rx Audio In
DS In
Gnd Audio
LO2 Out
LO2 VCC
LO2+
LO2–
LO2 Ctl
LO2 Gnd
LO2PD
LO2 Gnd
MCO
VCC
Audio
C In
Ccap
C Out
Lim In
Tx Out
DS Out
Fref Out
Fref In
Gnd Digital
MCU Clk Out
FRx MC FRx
PLL
VCC
Rx PD
PLL
Gnd
Tx PD
PLL
VCC
FTx
FTx MC EN
CLK
Data
Rx
Out
E In
Ecap
E Out
PAI
Gnd PA
PAO+
VCC
PA
VB
VAG
MCI
PAO–
Tx Audio
ALC
LPF
AALPF
Attn
LPF
RSSI 6b A/D
Converter
VCC 6b A/D
Converter
2nd LO
VCO
14b Ctr
LO2 Phase
Detect
7b A’
Rx Phase
Detect
13b N’
Tx Phase
Detect
12b Ref Ctr
MCU
Interface
Divide
By 2
6b SCF
Clk Ctr
MCU
Clk Ctr
1
10
2
3
4
5
6789
11
12
48
47
46
45
44
43
42
41
40
39
38
37
BG Vref
Rx Gain Adj
Rx Mute
Data Slicer
Inverter
36
35
34
Exp PT
Expander
33
32
31
30
29
Power
Amp Mute
Power Amp
28
27
26
Mic Amp
25
24
23
22
21
20
19
Comp PT
Compressor
Limiter
Tx Gain Adj
Tx Mute
18
17
16
15
14
13
Side Tone
Attn
7b A
13b N
0.47
µ
0.47
µ
SPI
SPI
Low Max
Gain
Vol
Ctl
VCC
1.0 k
1.0
µ
100 p
5.6 p
5.62 k
0.1
µ
1.0
µ
0.001
µ
1.0
µ
1.0
µ
1.0
µ
1.0
µ
4.99 k
4.99 k
130
1.0
µ
0.1
µ
4.7
0.1
µ
1.0
µ
47.5 k
47.5 k
1.0
µ
1.0
µ
1.0
µ
10 k
1.0
µ
0.1
µ
1.0
µ
0.001
µ
0.001
µ
0.01
µ
1.0
µ
0.01
µ
VCC
49.9
0.1
µ
10
µ
49.9
49.9
RF In
RF In


Similar Part No. - MC33411BFTA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33410 MOTOROLA-MC33410 Datasheet
303Kb / 20P
   DUAL CVSD/PLL CORDLESS PHONE SYSTEM
More results

Similar Description - MC33411BFTA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3515A PHILIPS-UAA3515A Datasheet
180Kb / 44P
   900 MHz analog cordless telephone IC
2001 Dec 12
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
Sharp Corporation
IR3N74AN SHARP-IR3N74AN Datasheet
236Kb / 8P
   Compander IC for Cordless elephone
logo
ELAN Microelectronics C...
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
   DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
logo
NXP Semiconductors
UAA2090T PHILIPS-UAA2090T Datasheet
927Kb / 12P
   900 MHz front end circuit for cordless communication
October 1991
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
   Low-voltage Compander IC for Cordless Telephones
logo
Holtek Semiconductor In...
HT9015 HOLTEK-HT9015 Datasheet
206Kb / 23P
   RF Single Chip for Cordless Phone
logo
Rohm
BA7726AS ROHM-BA7726AS Datasheet
148Kb / 11P
   Analog compander with vocal fader for KARAOKE
logo
Zilog, Inc.
Z87001 ZILOG-Z87001 Datasheet
205Kb / 51P
   ROMless Spread Spectrum Cordless Phone Controller
logo
Sony Corporation
CXA3003R SONY-CXA3003R Datasheet
534Kb / 32P
   Baseband analog processing IC for dual-mode CDMA/FM cellular phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com