Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBS6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBS6
Description  Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBS6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBS6 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBS6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 90 -
.193(4.90)
.177(4.50)
.031(0.80)
.017(0.45)
.142(3.60)
.157(4.00)
.276(7.0)
MAX
.090(2.30)
.106(2.70)
.106(2.70)
.090(2.30)
.053(1.53)
.037(0.95)
.014(0.35)
.006(0.15)
.011(0.30)
MAX
.118(3.0)
MAX
.028(0.70)
.043(1.10)
.083(2.12)
.043(1.10)
MBS2 THRU MBS10
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range
200 to 1000 Volts
Current
0.8 Amperes
Features
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High surge current capability
High temperature soldering guaranteed:
260
+ / 10 seconds at 5 lbs., (2.3 kg )
tension
Small size, simple installation
Leads solderable per MIL-STD-202
Method 208
MBS
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
+ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBS2
MBS4
MBS6
MBS8
MBS10 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
On glass-epoxy P.C.B.
On aluminum substrate
I(AV)
0.5
0.8
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
35
A
Maximum Instantaneous Forward Voltage
@0.4A
VF
1.0
V
Maximum DC Reverse Current @ TA=25
+
at Rated DC Blocking Voltage @ TA=125
+
IR
5.0
100
uA
uA
Typical Junction Capacitance Per Leg
Cj
13
pF
Typical Thermal Resistance Per Leg
R
JA
85
+/W
Operating Temperature Range
TJ
-55to+150
+
Storage Temperature Range
TSTG
-55to+150
+
REV.1 Nov.-2003


Similar Part No. - MBS6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBS6 TSC-MBS6 Datasheet
55Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS6 TSC-MBS6 Datasheet
167Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS6 TSC-MBS6 Datasheet
150Kb / 2P
   Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
MBS6 TSC-MBS6 Datasheet
198Kb / 4P
   Glass Passivated Bridge Rectifiers
MBS6 TSC-MBS6 Datasheet
198Kb / 4P
   0.8A, 200V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - MBS6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2 Datasheet
55Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2_1 Datasheet
167Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2_11 Datasheet
150Kb / 2P
   Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Jinan Jing Heng Electro...
MB10F JINGHENG-MB10F Datasheet
1Mb / 2P
   Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Guangdong Youtai Semico...
MB05M UMW-MB05M Datasheet
615Kb / 2P
   0.8 A Single-Phase Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
LX005M DGNJDZ-LX005M Datasheet
825Kb / 2P
   Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
ABS2-280-8A-29 DGNJDZ-ABS2-280-8A-29 Datasheet
411Kb / 2P
   Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
M05F YIXIN-M05F Datasheet
140Kb / 2P
   0.8 A Single-Phase Glass Passivated Bridge Rectifiers
logo
Jinan Jing Heng Electro...
MB2F JINGHENG-MB2F Datasheet
1Mb / 2P
   Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
KBP301G ETC-KBP301G Datasheet
116Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com