Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33232 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33232
Description  Power Factor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33232 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33232 Datasheet HTML 2Page - ON Semiconductor MC33232 Datasheet HTML 3Page - ON Semiconductor MC33232 Datasheet HTML 4Page - ON Semiconductor MC33232 Datasheet HTML 5Page - ON Semiconductor MC33232 Datasheet HTML 6Page - ON Semiconductor MC33232 Datasheet HTML 7Page - ON Semiconductor MC33232 Datasheet HTML 8Page - ON Semiconductor MC33232 Datasheet HTML 9Page - ON Semiconductor MC33232 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC33232
http://onsemi.com
6
MEASUREMENT CONDITION
Item
Condition
Measurement Method
VIH(ZCD)
Pin 1 = 0 V
Pin 5 = 3 mA
Measure Pin 5 voltage at 3 mA to Pin 5
VIL(ZCD)
Pin 2 = 1.1 V
Pin 5 = −3 mA
Measure Pin 5 voltage at −3 mA to Pin 5
IIB(CS)
Pin 4 = 0 V
Measure Pin 4 current
VIO(CS)
Pin 3 = 0 V
Measure Pin 4 voltage when Pin 7 switch to low
Vin = Ref.1
by increasing Pin 4 voltage from −0.3 V
tPHL
Pin 1 = 0 V
Pin 2 = Vth(mult) + 0.5 V
Pin 3 = 0.5 V
Pin 4 = See right figure
Vin = Ref.1
Vth(cs): Threshold voltage of Pin 4
(at Pin 2 = Vth(mult) + 0.5 V, Pin 3 = 0.5 V)
5 V
0 V
tPHL
Pin 4
0 V
6 V
Pin 7
Vth(cs)
Vth(max)
Pin 1 = 0 V
Pin 3 = 3.0 V
Measure Pin 4 voltage when Pin 7 switch to low
Pin 2 = 4.0 V
Vin = Ref.1
by increasing Pin 4 voltage from 0 V
V
Pin 1 = 0 V
Pin 7 = 20 mA
Measure Pin 7 voltage at 20 mA to Pin 7
VOL(OUT)
SW2 = C
Pin 7 = 200 mA
Measure Pin 7 voltage at 200 mA to Pin 7
V
Pin 1 = 0 V
Pin 7 = −20 mA
Measure Pin 7 voltage at −20 mA to Pin 7
VOH(OUT)
Pin 4 = GND
Pin 7 = −200 mA
Measure Pin 7 voltage at −200 mA to Pin 7
VO(max)
Vin = Ref.1
SW1 = C
Pin 7 = −20 mA
Measure Pin 7 voltage at −20 mA to Pin 7
tr
tf
Pin 1, 4 = 0 V
SW3 = ON
Vin = See right figure
f = 50 KHz
4 V
0 V
tf
Vin
Pin 7
90%
10%
tr
90%
VO(UVLO)
Pin 1 = 0 V
Pin 7 = 1.0 mA
Measure Pin 7 voltage at 10 mA to Pin 7
SW1 = D
Vth(ON)
SW1 = E
Measure Pin 8 voltage when Pin 2 change to
over 1 V by increasing Pin 8 voltage from 7 V
Vshut
Pin 4 = 0 V
Measure Pin 8 voltage when Pin 2 change to
under 1 V by increasing Pin 8 voltage from 15 V
VH
Vin = 0 V
VH = Vth(on) − Vshut
ICC Startup
Pin 1 = 0 V
SW1 = D
Measure Pin 8 current
Operating
Dynamic
Pin 4 = 0 V
Pin 2 = 2.5 V
Operating
Pin 1 = 0 V
SW3 = ON
Pin 3 = 0.5 V
Measure Pin 8 current
Pin 1 = 0 V
Vin: Low = 0 V, High = 4 V
Measure Pin 8 current
fin = Square Wave @ TBD KHz
Ref.1: Pin 4 = GND, Vin = 4 V return to zero pulse


Similar Part No. - MC33232

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33232 ONSEMI-MC33232 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
MC33232D ONSEMI-MC33232D Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
MC33232DG ONSEMI-MC33232DG Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
MC33232DR2 ONSEMI-MC33232DR2 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
MC33232DR2G ONSEMI-MC33232DR2G Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
More results

Similar Description - MC33232

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com