Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLX6228KEH Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HLX6228KEH
Description  128K x 8 STATIC RAM-Low Power SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HLX6228KEH Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HLX6228KEH Datasheet HTML 4Page - List of Unclassifed Manufacturers HLX6228KEH Datasheet HTML 5Page - List of Unclassifed Manufacturers HLX6228KEH Datasheet HTML 6Page - List of Unclassifed Manufacturers HLX6228KEH Datasheet HTML 7Page - List of Unclassifed Manufacturers HLX6228KEH Datasheet HTML 8Page - List of Unclassifed Manufacturers HLX6228KEH Datasheet HTML 9Page - List of Unclassifed Manufacturers HLX6228KEH Datasheet HTML 10Page - List of Unclassifed Manufacturers HLX6228KEH Datasheet HTML 11Page - List of Unclassifed Manufacturers HLX6228KEH Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HLX6228
10
The 128K x 8 SRAM is offered in a custom 32-lead or 40-
lead flat pack (FP). The packages are constructed of
multilayer ceramic (Al
2O3) and feature internal power and
ground planes. Ceramic chip capacitors can be mounted to
the package by the user to maximize supply noise
decoupling and increase board packing density. These
PACKAGING
32-LEAD FLAT PACK (22018533-001)
[1] BSC - Basic lead spacing between centers
[2] Where lead is brazed to package
[3] Parts delivered with leads unformed
[4] Lid connected to VSS
A
b
C
D
e
E
E2
E3
F
L
Q
S
U
V
W
X
Y
Z
0.135 ± 0.015
0.017 ± 0.002
0.004 to 0.009
0.820 ± 0.008
0.050 ± 0.005 [1]
0.600 ± 0.008
0.500 ± 0.008
0.040 ref
0.750 ± 0.005 [2]
0.295 min [3]
0.026 to 0.045
0.035 ± 0.010
0.080 ref
0.380 ref
0.050 ref
0.075 ref
0.010 ref
0.135 ref
All dimensions in inches
22018533-001
E
1
e
b
D
(width)
(pitch)
F
L
TOP
VIEW
E2
A
Lead
Alloy 42
Ceramic
Body
C
E3
Cutout
Area
Q
Kovar
Lid [4]
V
Optional capacitors
in cutout
1
VSS
VDD
VDD
S
U
Z
X
W
Y
BOTTOM
VIEW
32-LEAD FLAT PACK PINOUT
VDD
A15
CE
NWE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Top
View
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
capacitors attach directly to the internal package power
and ground planes. This design minimizes resistance and
inductance of the bond wire and package. All NC (no
connect) pins
should be connected to VSS to prevent
charge build up in the radiation environment.
A15
VSS
VDD
NWE
CE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
VSS
NC
A16
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
NC
VDD
VSS
NC
Top
View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
40-LEAD FLAT PACK PINOUT


Similar Part No. - HLX6228KEH

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BF HONEYWELL-HLX6256-BF Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BH HONEYWELL-HLX6256-BH Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BN HONEYWELL-HLX6256-BN Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BR HONEYWELL-HLX6256-BR Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
More results

Similar Description - HLX6228KEH

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com