Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLX6228AEH Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HLX6228AEH
Description  128K x 8 STATIC RAM-Low Power SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HLX6228AEH Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HLX6228AEH Datasheet HTML 2Page - List of Unclassifed Manufacturers HLX6228AEH Datasheet HTML 3Page - List of Unclassifed Manufacturers HLX6228AEH Datasheet HTML 4Page - List of Unclassifed Manufacturers HLX6228AEH Datasheet HTML 5Page - List of Unclassifed Manufacturers HLX6228AEH Datasheet HTML 6Page - List of Unclassifed Manufacturers HLX6228AEH Datasheet HTML 7Page - List of Unclassifed Manufacturers HLX6228AEH Datasheet HTML 8Page - List of Unclassifed Manufacturers HLX6228AEH Datasheet HTML 9Page - List of Unclassifed Manufacturers HLX6228AEH Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HLX6228
6
TAVAVR
Address Read Cycle Time
32
ns
TAVQV
Address Access Time
32
ns
TAXQX
Address Change to Output Invalid Time
3
ns
TSLQV
Chip Select Access Time
35
ns
TSLQX
Chip Select Output Enable Time
5
ns
TEHQV
Chip Enable Access Time
35
ns
TEHQX
Chip Enable Output Enable Time
5
ns
TELQZ
Chip Enable Output Disable Time
13
ns
TGLQV
Output Enable Access Time
12
ns
TGLQX
Output Enable Output Enable Time
0
ns
TGHQZ
Output Enable Output Disable Time
9
ns
READ CYCLE AC TIMING CHARACTERISTICS (1, 2)
Worst Case (4)
Symbol
Parameter
Typical
-55 to 125
°C
Units
(3)
Min
Max
(1) Key Note: This part must be Read controlled using the NCS pin: it requires that NCS returns to a high state for at least 5ns whenever there is
an address change. This 5ns pulse to high provides the part with a defined pre-charge pulse duration to ensure that the new address is latched.
The part must must be controlled in this fashion to meet the timing specifications defined.
(2) Test conditions: input switching levels,VIL/VIH=0V/3V, input rise and fall times <1 ns/V, input and output timing reference levels shown in the
Tester AC Timing Characteristics table, capacitive output loading C
L>50 pF, or equivalent capacitive output loading CL=5 pF for TSHQZ, TELQZ
TGHQZ. For C
L >50 pF, derate access times by 0.02 ns/pF (typical).
(3) Typical operating conditions: VDD=3.3 V, TA=25
°C, pre-radiation.
(4) Worst case operating conditions: VDD=3.0 V to 3.6 V, TA= -55
°C to 125°C, post total dose at 25°C.
HIGH
IMPEDANCE
NCS
NOE
DATA VALID
CE
TAVAVR
TAVQV
TAXQX
TSLQV
TSLQX
TSHQZ
TEHQX
TEHQV
TGLQX
TGLQV
TGHQZ
TELQZ
ADDRESS
(NWE = high)
DATA OUT


Similar Part No. - HLX6228AEH

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BF HONEYWELL-HLX6256-BF Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BH HONEYWELL-HLX6256-BH Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BN HONEYWELL-HLX6256-BN Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BR HONEYWELL-HLX6256-BR Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
More results

Similar Description - HLX6228AEH

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com