Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLX6228KSH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HLX6228KSH
Description  128K x 8 STATIC RAM-Low Power SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HLX6228KSH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HLX6228KSH Datasheet HTML 1Page - List of Unclassifed Manufacturers HLX6228KSH Datasheet HTML 2Page - List of Unclassifed Manufacturers HLX6228KSH Datasheet HTML 3Page - List of Unclassifed Manufacturers HLX6228KSH Datasheet HTML 4Page - List of Unclassifed Manufacturers HLX6228KSH Datasheet HTML 5Page - List of Unclassifed Manufacturers HLX6228KSH Datasheet HTML 6Page - List of Unclassifed Manufacturers HLX6228KSH Datasheet HTML 7Page - List of Unclassifed Manufacturers HLX6228KSH Datasheet HTML 8Page - List of Unclassifed Manufacturers HLX6228KSH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OTHER
• Read/Write Cycle Times
≤ 32 ns (-55 to 125°C)
• Typical Operating Power <9 mW/MHz
• JEDEC Standard Low Voltage
CMOS Compatible I/O
• Single 3.3 V
± 0.3 V Power Supply
• Asynchronous Operation
• Packaging Options
– 32-Lead CFP (0.820 in. x 0.600 in.)
– 40-Lead CFP (0.775 in. x 0.710 in.)
128K x 8 STATIC RAM—Low Power SOI
Military & Space Products
RADIATION
• Fabricated with RICMOSIV Silicon on Insulator
(SOI) 0.7
µm Low Power Process (L
eff = 0.55 µm)
• Total Dose Hardness through 1x106 rad(Si)
• Neutron Hardness through 1x1014 cm-2
• Dynamic and Static Transient Upset Hardness
through 1x109 rad(Si)/s
• Dose Rate Survivability through 1x1011 rad(Si)/s
• Soft Error Rate of <1x10-10 Upsets/bit-day in Geosyn-
chronous Orbit
• No Latchup
Solid State Electronics Center • 12001 State Highway 55, Plymouth, MN 55441 • (800) 323-8295 • http://www.myspaceparts.com
FEATURES
GENERAL DESCRIPTION
The 128K x 8 Radiation Hardened Static RAM is a high
performance 131,072 word x 8-bit static random access
memory with industry-standard functionality. It is fabricated
with Honeywell’s radiation hardened technology, and is
designed for use in low voltage systems operating in radiation
environments. The RAM operates over the full military
temperature range and requires only a single 3.3 V
± 0.3V
power supply. The RAM is compatible with JEDEC standard
low voltage CMOS I/O. Power consumption is typically less
than 9 mW/MHz in operation, and less than 2 mW when de-
selected. The RAM read operation is fully asynchronous, with
an associated typical access time of 32 ns at 3.3 V.
Honeywell’s enhanced SOI RICMOS™ IV (Radiation Insensi-
tive CMOS) technology is radiation hardened through the use
of advanced and proprietary design, layout and process
hardening techniques.TheRICMOS™IVlow power process is
a SIMOX CMOS technology with a 150 Å gate oxide and a
minimum drawn feature size of 0.7
µm (0.55 µm effective gate
length—L
eff). Additional features include tungsten via plugs,
Honeywell’s proprietary SHARP planarization process and a
lightly doped drain (LDD) structure for improved short channel
reliability. A 7 transistor (7T) memory cell is used for superior
single event upset hardening, while three layer metal power
bussing and the low collection volume SIMOX substrate
provide improved dose rate hardening.
HLX6228


Similar Part No. - HLX6228KSH

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BF HONEYWELL-HLX6256-BF Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BH HONEYWELL-HLX6256-BH Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BN HONEYWELL-HLX6256-BN Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BR HONEYWELL-HLX6256-BR Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
More results

Similar Description - HLX6228KSH

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com