Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLX6228KBF Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HLX6228KBF
Description  128K x 8 STATIC RAM-Low Power SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HLX6228KBF Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HLX6228KBF Datasheet HTML 4Page - List of Unclassifed Manufacturers HLX6228KBF Datasheet HTML 5Page - List of Unclassifed Manufacturers HLX6228KBF Datasheet HTML 6Page - List of Unclassifed Manufacturers HLX6228KBF Datasheet HTML 7Page - List of Unclassifed Manufacturers HLX6228KBF Datasheet HTML 8Page - List of Unclassifed Manufacturers HLX6228KBF Datasheet HTML 9Page - List of Unclassifed Manufacturers HLX6228KBF Datasheet HTML 10Page - List of Unclassifed Manufacturers HLX6228KBF Datasheet HTML 11Page - List of Unclassifed Manufacturers HLX6228KBF Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
HLX6228
40-LEAD FLAT PACK (22019370-001)
I
C
Capacitor Pads
Kovar Lid [3]
X
A
N
Ceramic Body
(Pedestal)
D
(width)
b
e
(pitch)
1
21
40
20
L
E
Top
View
40
21
A
A
b
c
D
E
e
F
G
H
I
L
N
S
T
U
V
W
X
Z
[1] Parts delivered with leads unformed
[2] At tie bar
[3] Lid tied to VSS
0.131
± .015
0.008
± 0.002
0.006
± 0.0015
0.710
± 0.010
0.775
± 0.007
0.025
± 0.004
0.475
± 0.005
0.760
± 0.008
0.135
± 0.005
0.030
± 0.005
0.285
± 0.015
0.050
± 0.004
0.1175 ref
0.064 ref
0.006 ref
0.028 ref
0.125 ref
0.500
± 0.005
0.140 ref
All dimensions are in inches
G
Non-Conductive
Tie-Bar
T
U
H
W
F
Bottom
View
V
Z
S


Similar Part No. - HLX6228KBF

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BF HONEYWELL-HLX6256-BF Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BH HONEYWELL-HLX6256-BH Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BN HONEYWELL-HLX6256-BN Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BR HONEYWELL-HLX6256-BR Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
More results

Similar Description - HLX6228KBF

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com