Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL7N1404 Datasheet(PDF) 1 Page - International Rectifier

Part # IRL7N1404
Description  HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL7N1404 Datasheet(HTML) 1 Page - International Rectifier

  IRL7N1404 Datasheet HTML 1Page - International Rectifier IRL7N1404 Datasheet HTML 2Page - International Rectifier IRL7N1404 Datasheet HTML 3Page - International Rectifier IRL7N1404 Datasheet HTML 4Page - International Rectifier IRL7N1404 Datasheet HTML 5Page - International Rectifier IRL7N1404 Datasheet HTML 6Page - International Rectifier IRL7N1404 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
55*
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
55*
IDM
Pulsed Drain Current ➀
220
PD @ TC = 25°C
Max. Power Dissipation
100
W
Linear Derating Factor
0.8
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
300
mJ
IAR
Avalanche Current ➀
55
A
EAR
Repetitive Avalanche Energy ➀
10
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
2.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temp.
300 (for 5s)
Weight
2.6 (Typical)
g
oC
A
04/26/02
www.irf.com
1
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRL7N1404
40V
0.006
Ω 55A*
For footnotes refer to the last page
HEXFET® POWER MOSFET
IRL7N1404
SURFACE MOUNT (SMD-1)
40V, N-CHANNEL
Seventh Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance
per silicon unit area. This benefit, combined with the
fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient device
for use in a wide variety of applications.
These devices are well-suited for applications such
as switching power supplies, motor controls, invert-
ers, choppers, audio amplifiers and high-energy pulse
circuits.
Features:
n Low RDS(on)
n Avalanche Energy Ratings
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Light Weight
SMD-1
* Current is limited by package
n Surface Mount
PD - 94348A
n LogicGate Drive


Similar Part No. - IRL7N1404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL7NJ3802 IRF-IRL7NJ3802 Datasheet
125Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results

Similar Description - IRL7N1404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF5N3205 IRF-IRF5N3205_05 Datasheet
171Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7N1405 IRF-IRF7N1405 Datasheet
141Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-1)
IRL7NJ3802 IRF-IRL7NJ3802 Datasheet
125Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJZ34 IRF-IRF5NJZ34 Datasheet
113Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF7NA2907SCV IRF-IRF7NA2907SCV Datasheet
114Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-2)
IRF5NJ5305SCX IRF-IRF5NJ5305SCX Datasheet
120Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF7NA2907 IRF-IRF7NA2907 Datasheet
118Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-2)
IRF5NJZ48SCV IRF-IRF5NJZ48SCV Datasheet
118Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com