Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLX6228KER Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HLX6228KER
Description  128K x 8 STATIC RAM-Low Power SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HLX6228KER Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HLX6228KER Datasheet HTML 1Page - List of Unclassifed Manufacturers HLX6228KER Datasheet HTML 2Page - List of Unclassifed Manufacturers HLX6228KER Datasheet HTML 3Page - List of Unclassifed Manufacturers HLX6228KER Datasheet HTML 4Page - List of Unclassifed Manufacturers HLX6228KER Datasheet HTML 5Page - List of Unclassifed Manufacturers HLX6228KER Datasheet HTML 6Page - List of Unclassifed Manufacturers HLX6228KER Datasheet HTML 7Page - List of Unclassifed Manufacturers HLX6228KER Datasheet HTML 8Page - List of Unclassifed Manufacturers HLX6228KER Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
HLX6228
Total Dose
≥1x106
rad(Si)
Transient Dose Rate Upset
≥1x109
rad(Si)/s
Transient Dose Rate Survivability
≥1x1011
rad(Si)/s
Soft Error Rate
<1x10-10
upsets/bit-day
Neutron Fluence
≥1x1014
N/cm2
Parameter
Limits (2)
Test Conditions
RADIATION HARDNESS RATINGS (1)
Units
TA=25
°C
Total Ionizing Radiation Dose
The SRAM will meet all stated functional and electrical
specifications over the entire operating temperature range
after the specified total ionizing radiation dose. All electri-
cal and timing performance parameters will remain within
specifications after rebound at VDD = 3.6 V and T =125
°C
extrapolated to ten years of operation. Total dose hard-
ness is assured by wafer level testing of process monitor
transistors and RAM product using 10 KeV X-ray and Co60
radiation sources. Transistor gate threshold shift correla-
tions have been made between 10 KeV X-rays applied at
a dose rate of 1x105 rad(Si)/min at T = 25
°C and gamma
rays (Cobalt 60 source) to ensure that wafer level X-ray
testing is consistent with standard military radiation test
environments.
Transient Pulse Ionizing Radiation
The SRAM is capable of writing, reading, and retaining
stored data during and after exposure to a transient
ionizing radiation pulse, up to the specified transient
dose rate upset specification, when applied under rec-
ommended operating conditions. To ensure validity of all
specified performance parameters before, during, and
after radiation (timing degradation during transient pulse
radiation (timing degradation during transient pulse ra-
diation is
≤10%), it is suggested that stiffening capaci-
tance be placed on or near the package VDD and VSS,
with a maximum inductance between the package (chip)
and stiffening capacitance of 0.7 nH per part. If there are
no operate-through or valid stored data requirements,
typical circuit board mounted de-coupling capacitors are
recommended.
(1) Device will not latch up due to any of the specified radiation exposure conditions.
(2) Operating conditions (unless otherwise specified): VDD=3.0 V to 3.6 V, TA=-55
°C to 125°C.
1 MeV equivalent energy,
Unbiased, TA=25
°C
TA=125
°C, Adams 90%
worst case environment
Pulse width
≤50 ns, X-ray,
VDD=4.0 V, TA=25
°C
Pulse width
≤1 µs
RADIATION CHARACTERISTICS
The SRAM will meet any functional or electrical specifica-
tion after exposure to a radiation pulse up to the transient
dose rate survivability specification, when applied under
recommended operating conditions. Note that the current
conducted during the pulse by the RAM inputs, outputs,
and power supply may significantly exceed the normal
operating levels. The application design must accommo-
date these effects.
Neutron Radiation
The SRAM will meet any functional or timing specification
after exposure to the specified neutron fluence under
recommended operating or storage conditions. This as-
sumes an equivalent neutron energy of 1 MeV.
Soft Error Rate
The SRAM is capable of meeting the specified Soft Error
Rate (SER), under recommended operating conditions.
This hardness level is defined by the Adams 90% worst
case cosmic ray environment for geosynchronous orbits.
Latchup
The SRAM will not latch up due to any of the above
radiation exposure conditions when applied under recom-
mended operating conditions. Fabrication with the
SIMOX substrate material provides oxide isolation be-
tween adjacent PMOS and NMOS transistors and elimi-
nates any potential SCR latchup structures. Sufficient
transistor body tie connections to the p- and n-channel
substrates are made to ensure no source/drain snapback
occurs.


Similar Part No. - HLX6228KER

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BF HONEYWELL-HLX6256-BF Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BH HONEYWELL-HLX6256-BH Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BN HONEYWELL-HLX6256-BN Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BR HONEYWELL-HLX6256-BR Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
More results

Similar Description - HLX6228KER

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com