Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HV254 Datasheet(PDF) 2 Page - Supertex, Inc

Part No. HV254
Description  32-Channel High Voltage Amplifier Array
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

   
 2 page
background image
2
HV254
A113004
Absolute Maximum Ratings*
VPP, High voltage supply
275V
V+, Low voltage positive supply
7.0V
V-, Low voltage negative supply
-7.0V
HVOUT, Output voltage
0V to 275V
VIN, Analog input signal
0V to 5.0V
Storage temperature range
-65°C to 150°C
Maximum junction temperature
150°C
*
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level may
affect device reliability. All voltages are referenced to device ground.
e
c
i
v
e
De
g
a
t
l
o
V
t
u
p
t
u
O
m
u
m
i
x
a
M
s
n
o
i
t
p
O
e
g
a
k
c
a
P
P
F
Q
M
d
a
e
L
0
0
1e
i
D
4
5
2
V
HV
0
5
2G
F
4
5
2
V
HX
4
5
2
V
H
Ordering Information
Electrical Characteristics (Over operating conditions unless otherwise noted.)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
s
n
o
t
i
d
n
o
C
g
n
i
t
a
r
e
p
O
V
P
P
y
l
p
p
u
s
e
v
i
t
i
s
o
p
e
g
a
t
l
o
v
h
g
i
H0
55
7
2V
+
Vy
l
p
p
u
s
e
v
i
t
i
s
o
p
e
g
a
t
l
o
v
w
o
L5
7
.
40
.
55
2
.
5V
-
Vy
l
p
p
u
s
e
v
i
t
a
g
e
n
e
g
a
t
l
o
v
w
o
L5
7
.
4
-0
.
5
-5
2
.
5
-V
I
P
P
V
P
P
t
n
e
r
r
u
c
y
l
p
p
u
s0
.
15
.
2A
m
V
P
P
.
V
m
0
4
1
t
a
t
e
s
s
t
u
p
n
i
ll
A
,
V
5
7
2
=
5
4
y
ll
a
c
i
p
y
T
µ
l
e
n
n
a
h
c
r
e
p
A
+
It
n
e
r
r
u
c
y
l
p
p
u
s
+
V0
.
1A
mV
5
2
.
5
=
+
V
-
IV
N
N
t
n
e
r
r
u
c
y
l
p
p
u
s0
.
3
-A
mV
5
2
.
5
-
=
-
V
T
A
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A0
1
-0
7C
°
T
J
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J0
1
-D
B
TC
°
t
u
p
t
u
O
r
e
i
f
i
l
p
m
A
e
g
a
t
l
o
V
h
g
i
H
V
H
T
U
O
V
H
T
U
O
g
n
i
w
s
e
g
a
t
l
o
v0
.
70
5
2V
V
P
P
M
5
2
1
=
d
a
o
L
,
V
5
7
2
=
F
p
0
0
1
/
/
V
N
I
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
I4
1
.
0+
VV
V
H
S
O
V
H
T
U
O
t
e
s
f
f
o
C
D5
.
1
±2
5
.
1
±V
V
P
P
t
e
s
f
f
o
t
u
p
n
i
V
m
0
3
.
V
5
7
2
=
R
SV
H
T
U
O
e
t
a
r
w
e
l
s0
.
3
/
V
µsV
P
P
M
5
2
1
=
d
a
o
L
,
V
5
7
2
=
F
p
0
0
1
/
/
R
B
F
e
c
n
a
d
e
p
m
i
k
c
a
b
d
e
e
F8
2
1
M
A
V
n
i
a
g
p
o
o
l
d
e
s
o
l
C5
.
7
40
.
0
55
.
2
5V
/
V
W
BV
H
T
U
O
h
t
d
i
w
d
n
a
b
l
e
n
n
a
h
c
B
d
3
-0
.
5z
H
KV
P
P
V
5
7
2
=
C
D
A
O
L
V
H
T
U
O
d
a
o
l
e
v
i
t
i
c
a
p
a
c0
0
0
1F
p
)
t
f
i
r
d
x
a
m
(
y
t
il
i
b
a
t
S0
0
5V
mV
H
t
a
d
e
r
u
s
a
e
M
T
U
O
125




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HV25632-Channel High Voltage Amplifier Array 1 2 3 4 5 MoreSupertex, Inc
HV25732 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY 1 2 3 4 5 MoreSupertex, Inc
KSC1009High Voltage Amplifier 1 2 3 4 Fairchild Semiconductor
TDA95359.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
2SB717LOW FREQUENCY HIGH VOLTAGE AMPLIFIER Complementary pair with 2SB757 and 2SB758 1 Hitachi Semiconductor
2SD666ALOW FREQUENCY HIGH VOLTAGE AMPLIFIER Complementary pair with 2SB646/A 1 2 Hitachi Semiconductor
MSK0033FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
KSA910Driver Stage Of Audio Amplifier & High Voltage Switching Applications 1 2 3 4 Fairchild Semiconductor
OPA699Wideband High Gain VOLTAGE LIMITING AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
TDA95367.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl