Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P468N Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM78P468N
Description  8-BIT Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P468N Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM78P468N Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P468N Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
EM78P468N
8-BIT Microcontroller
Product Specification (V1.2) 03.15.2005
• 1
(This specification is subject to change without further notice)
1
GENERAL DESCRIPTION
This LSI is an 8-bit RISC type microprocessor with high speed CMOS technology and
low power consumption. Integrated onto a single chip are on chip watchdog timer (WDT),
Data RAM, ROM, programmable real time clock counter, internal/external interrupt,
power down mode, LCD driver, infrared transmitter function, and tri-state I/O. The
EM78P468N provides multi-protection bits to protect against intrusion of user’s code in
the OTP memory and a seven option bits to accommodate user’s requirements. It also
provides an especial 13 bits customer ID option.
With its OTP-ROM feature, this LSI offers a convenient way of developing and verifying
user’s programs. Moreover, user developed code can be easily programmed with the
ELAN writer.
2
FEATURES
2.1 CPU
Operating voltage and temperature range:
Commercial: 2.2V ~ 5.5 V. (at 0
℃~+70℃)
Industrial: 2.5V ~ 5.5 V. / (at -40
℃~+85℃)
Operation speed: DC ~ 10MHz clock input.
Dual clock operation
High frequency oscillator can select among Crystal, RC, or PLL (phase lock
loop)
Low frequency oscillator can select between Crystal or RC mode
Totally 272 bytes SRAM
144 bytes general purpose register
128 bytes on chip data RAM
4K*13 bits OTP - ROM (One Time Programmable - Read Only Memory)
Up to 28 bi-directional tri-state I/O ports
Typically, 12 bi-directional tri-state I/O ports.
16 bi-directional tri-state I/O ports shared with LCD segment output pin.
8-level stack for subroutine nesting
8-bit real time clock/counter (TCC)
One infrared transmitter/PWM generator function


Similar Part No. - EM78P468N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P468N EMC-EM78P468N Datasheet
870Kb / 82P
   8-Bit Microcontroller
EM78P468N EMC-EM78P468N Datasheet
851Kb / 68P
   8-Bit Microcontroller
EM78P468NAQ EMC-EM78P468NAQ Datasheet
718Kb / 83P
   8-BIT Microcontroller
EM78P468NAQ EMC-EM78P468NAQ Datasheet
924Kb / 82P
   8-Bit Microcontroller
EM78P468NAQ EMC-EM78P468NAQ Datasheet
870Kb / 82P
   8-Bit Microcontroller
More results

Similar Description - EM78P468N

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com