Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT356M96 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74HCT356M96
Description  High-Speed CMOS Logic 8-Input Multiplexer/Register, Three-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT356M96 Datasheet(HTML) 6 Page - Texas Instruments

  CD74HCT356M96 Datasheet HTML 1Page - Texas Instruments CD74HCT356M96 Datasheet HTML 2Page - Texas Instruments CD74HCT356M96 Datasheet HTML 3Page - Texas Instruments CD74HCT356M96 Datasheet HTML 4Page - Texas Instruments CD74HCT356M96 Datasheet HTML 5Page - Texas Instruments CD74HCT356M96 Datasheet HTML 6Page - Texas Instruments CD74HCT356M96 Datasheet HTML 7Page - Texas Instruments CD74HCT356M96 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Input Loading Table
INPUT
UNIT LOADS
D0-D7
0.50
S0, S1, S3
0.70
OE1, OE2
0.80
OE3
0.25
LE
0.25
CP
0.60
NOTE: Unit Load is
∆ICC limit specified in DC Electrical
Specifications table, e.g., 360
µA max at 25oC.
Prerequisite For Switching Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CP Pulse Width
tPLH, tPHL
-
4.5
16
20
-
25
-
30
-
ns
LE Pulse Width
tPLH, tPHL
-
4.5
16
20
-
25
-
30
-
ns
Setup Times Dn
→ EtSU
-
4.5
5
7
-
9
-
11
-
ns
Setup Times Sn
→ LE
tSU
-
4.5
5
7
-
9
-
11
-
ns
Hold Times Dn
→ EtH
-
4.5
9
9
-
11
-
14
-
ns
Hold Times Sn
→ LE
tH
-
4.5
12
12
-
15
-
18
-
ns
CD74HCT356


Similar Part No. - CD74HCT356M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT354 TI-CD74HCT354 Datasheet
168Kb / 14P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD74HCT354 TI-CD74HCT354 Datasheet
246Kb / 15P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD74HCT354E TI-CD74HCT354E Datasheet
168Kb / 14P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD74HCT354E TI-CD74HCT354E Datasheet
246Kb / 15P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD74HCT354EE4 TI-CD74HCT354EE4 Datasheet
246Kb / 15P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
More results

Similar Description - CD74HCT356M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD54-74HC354 TI-CD54-74HC354 Datasheet
304Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC(8-INPUT MULTIPLEXER/REGISTER, 3-STATE)
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD54HCT299 TI-CD54HCT299 Datasheet
288Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD74HC299 TI-CD74HC299 Datasheet
54Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com