Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M56785FP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M56785FP
Description  SPINDLE MOTOR DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56785FP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M56785FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56785FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56785FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56785FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56785FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56785FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56785FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M56785FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M56785FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SPINDLE MOTOR DRIVER
M56785FP
MITSUBISHI <CONTROL / DRIVER IC>
Motor current sense resistor
APPLICATION CIRCUIT
Start / Stop
HW
Hall bias
resistor
5V
Power
Supply
12V
Motor
power
supply
+
-
+
0 to 1.5
104
104
104
8 to 14 and 29 to 35
0.5
10
µF
10
µF
5V
104
µcom control
BRAKING
MODE
SELECT
Forward reverse
rotation signal
Control
PWM1
Reference
PWM2
HV
HU
FG signal


Similar Part No. - M56785FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56781FP MITSUBISHI-M56781FP Datasheet
158Kb / 6P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56782FP MITSUBISHI-M56782FP Datasheet
275Kb / 9P
   4 CHANNEL ACTUATOR DRIVER
M56783 MITSUBISHI-M56783 Datasheet
430Kb / 13P
   3 CHANNEL ACTUATOR DRIVER
M56783AFP MITSUBISHI-M56783AFP Datasheet
430Kb / 13P
   3 CHANNEL ACTUATOR DRIVER
M56784 MITSUBISHI-M56784 Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
More results

Similar Description - M56785FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
   SPINDLE MOTOR DRIVER
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
   SPINDLE MOTOR DRIVER
M56745FP MITSUBISHI-M56745FP Datasheet
335Kb / 5P
   SPINDLE MOTOR DRIVER
logo
Fairchild Semiconductor
KA3016D FAIRCHILD-KA3016D Datasheet
522Kb / 18P
   SPINDLE MOTOR DRIVER
logo
Sanyo Semicon Device
LB1913 SANYO-LB1913 Datasheet
90Kb / 6P
   FDD Spindle Motor Driver
LB1817M SANYO-LB1817M Datasheet
164Kb / 9P
   FDD Spindle Motor Driver
logo
Rohm
BA6477FS ROHM-BA6477FS Datasheet
170Kb / 12P
   FDD spindle motor driver
logo
Sanyo Semicon Device
LB1910 SANYO-LB1910 Datasheet
111Kb / 7P
   FDD Spindle Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com