Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR2406-DEV-KIT Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATR2406-DEV-KIT
Description  LOW IF .4 GHZ ISM TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406-DEV-KIT Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATR2406-DEV-KIT Datasheet HTML 3Page - ATMEL Corporation ATR2406-DEV-KIT Datasheet HTML 4Page - ATMEL Corporation ATR2406-DEV-KIT Datasheet HTML 5Page - ATMEL Corporation ATR2406-DEV-KIT Datasheet HTML 6Page - ATMEL Corporation ATR2406-DEV-KIT Datasheet HTML 7Page - ATMEL Corporation ATR2406-DEV-KIT Datasheet HTML 8Page - ATMEL Corporation ATR2406-DEV-KIT Datasheet HTML 9Page - ATMEL Corporation ATR2406-DEV-KIT Datasheet HTML 10Page - ATMEL Corporation ATR2406-DEV-KIT Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
ATR2406 [Preliminary]
4779F–ISM–09/04
5.2
RSSI output voltage, monotonic
over range -96 dBm to -36 dBm
with -33 dBm at RF input
with -96 dBm at RF input
V
RSSI
1.9
0.3
V
V
5.3
Wake-up time from power-up
signal to correct RSSI output
T
on
40
µs
6VCO
6.1
Oscillator frequency
Over full temperature range
(1)
2400
2483
MHz
6.2
Frequency control voltage range
V
VTUNE
0.5
V
CC - 0.5
V
6.3
VCO tuning input gain
G
VCO
150
MHz/V
7
Synthesizer
7.1
External reference input
frequency
D7 = 0
D7 = 1
REF_CLK
10.368
13.824
MHz
MHz
7.2
Sinusoidal input signal level
(RMS value)
AC coupled sinewave
REF_CLK
250
500
mV
RMS
7.3
Scaling factor prescaler
S
PSC
32/33
7.4
Scaling factor main counter
S
MC
86/87/88/89
7.5
Scaling factor swallow counter
S
SC
031
8
Phase Detector
8.1
Phase detector comparison
frequency
f
PD
1728
kHz
9
Charge-pump Output
9.1
Charge-pump output current
V
CP = 1/2 VCC
I
CP
±2
mA
9.2
Leakage current
V
CP = 1/2 VCC
I
L
±100
pA
10
Timing Conditions
(1)(2)
10.1
Transmit to Receive time
TX
→RX-time
100
µs
10.2
Receive to Transmit time
RX
→TX-time
100
µs
10.3
Channel switch time
CS-time
350
µs
10.4
Power down to Transmit
PD
→TR-time
450
µs
10.5
Power down to Receive
PD
→RX-time
400
µs
10.6
Programming register
PRR-time
3
µs
10.7
PLL settling time
PLL set-time
350
µs
11
Interface Logic Input and Output Signal Levels, Pin DATA, CLOCK, ENABLE
11.1
HIGH-level input voltage
Logic 1
V
IH
1.4
3.4
V
11.2
LOW-level input voltage
Logic 0
V
IL
-0.3
+0.4
V
11.3
HIGH-level output voltage
Logic 1
V
OH
3.4
V
11.4
LOW-level output voltage
Logic 0
V
OL
0V
11.5
Input bias current
Logic 1 or logic 0
I
bias
-5
+5
µA
11.6
3-wire bus clock frequency
f
CLKmax
10
MHz
Electrical Characteristics (Continued)
VS = 3.6 V with AUX regulator, Tamb = 25°C, unless otherwise specified
No.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Notes:
1. Measured and guaranteed only on the Atmel evaluation board, including PCB and balun filter.
2. Timing is determined by external loop filter characteristics. Faster timing can be achieved by modification of loop filter. For
further information refer to Application Note.


Similar Part No. - ATR2406-DEV-KIT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406-DEV-KIT2 ATMEL-ATR2406-DEV-KIT2 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406-DEV-KIT2 ATMEL-ATR2406-DEV-KIT2 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
More results

Similar Description - ATR2406-DEV-KIT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2820 ATMEL-ATR2820_08 Datasheet
157Kb / 4P
   Low IF WDCT 5.8 GHz Transceiver
ATR2820 ATMEL-ATR2820 Datasheet
111Kb / 4P
   Low IF WDCT 5.8 GHz Transceiver
ATR2806 ATMEL-ATR2806 Datasheet
172Kb / 3P
   LOW IF WDCT 2.4 GHz TRANSCEIVER
ATR2806 ATMEL-ATR2806_05 Datasheet
182Kb / 3P
   Low IF WDCT 2.4 GHz Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com