Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1033ARQ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1033ARQ
Description  Thermal Monitor and Fan Speed (RPM) Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1033ARQ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1033ARQ Datasheet HTML 7Page - Analog Devices ADM1033ARQ Datasheet HTML 8Page - Analog Devices ADM1033ARQ Datasheet HTML 9Page - Analog Devices ADM1033ARQ Datasheet HTML 10Page - Analog Devices ADM1033ARQ Datasheet HTML 11Page - Analog Devices ADM1033ARQ Datasheet HTML 12Page - Analog Devices ADM1033ARQ Datasheet HTML 13Page - Analog Devices ADM1033ARQ Datasheet HTML 14Page - Analog Devices ADM1033ARQ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
ADM1033
Rev. 0 | Page 11 of 40
Table 4. Internal Register Descriptions
Register
Description
Configuration
Provides control and configuration of various functions on the device.
Conversion Rate
Determines the number of measurements per second completed by the ADM1033.
Address Pointer
Contains the address that selects one of the other internal registers. When writing to the ADM1033, the first byte
of data is always a register address, which is written to the address pointer register.
Status
Provides the status of each limit comparison.
Interrupt Mask
Allows the option to mask ALERTs due to particular out-of-limit conditions.
Value and Limit
Stores the results of temperature and fan speed measurements, along with their limit values.
Offset
Allows the local and remote temperature channel readings to be offset by a twos complement value written to
them. These values are automatically added to the temperature values (or subtracted from them if negative). This
allows the systems designer to optimize the system, if required, by adding or subtracting up to 15.875°C from a
temperature reading.
THERM Limit and
Hysteresis
Contains the temperature value at which THERM is asserted and determines the level of hysteresis.
Look-Up Table
Used to program the look-up table for the fan-speed-to-temperature profile.
THERM % Ontime and
THERM % Limit
Reflects the state of the THERM input and monitors the duration of the assertion time of the signal as a
percentage of a time window. The user can program the length of the time window.
Table 5. Resistor Ratios for Setting LOCATION Bits
Ideal Ratio R2/(R1 + R2)
R1 (kΩ)
R2 (kΩ)
Actual R2/(R1 + R2)
Error (%)
SMBus Mode
SMBus Address
UDID LLL
N/A
0
O/C
1
0
ARP1
N/A
111
0.8125
18
82
0.82
+0.75
ARP1
N/A
110
0.6875
22
47
0.6812
−0.63
ARP1
N/A
101
0.5625
12
15
0.5556
−0.69
ARP1
N/A
100
0.4375
15
12
0.4444
+0.69
FD1
0x53
N/A
0.3125
47
22
0.3188
+0.63
FD1
0x52
N/A
0.1875
82
18
0.18
−0.75
FD1
0x51
N/A
N/A
O/C
0
0
0
FD1
0x50
N/A
1 FD denotes fixed-and-discoverable mode, ARP denotes ARP-capable mode.
Table 6. UDID Values
Bit No.
Name
Function
Value
<127:120>
Device Capabilities
Describes the ADM1033’s capabilities (for instance, that it supports PEC
and uses a random number address device)
11000001
<1119:112>
Version/Revision:
UDID version number (Version 1) and silicon revision identification
00001010
<111:96>
Vendor ID
Vendor ID number, assigned by the SBS Implementer’s Forum or the
PCI SIG
00010001
11010100
<95:80>
Device ID
Device ID
00010000
00110011
<79:64>
Interface
Identifies the protocol layer interfaces supported by the ADM1033. This
represents SMBus 2.0 as the Interface version.
00000000
00000100
<63:48>
Subsystem Vendor ID
Subsystem Vendor ID = 0 (subsystem fields are unsupported)
00000000
00000000
<47:32>
Subsystem Device ID
Subsystem Device ID = 0 (subsystem fields are unsupported)
00000000
00000000
<31:0>
Vendor-Specific ID
A unique number per device. Contains the LOCATION Information (LLL)
and a 16-bit random number (x). See Table 5 for information on setting
the LLL bits.
00000000
00000LLL
xxxxxxxx
xxxxxxxx


Similar Part No. - ADM1033ARQ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1033ARQZ ONSEMI-ADM1033ARQZ Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1033ARQZ-REEL ONSEMI-ADM1033ARQZ-REEL Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1033ARQZ-REEL ONSEMI-ADM1033ARQZ-REEL Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADM1033ARQZ-RL7 ONSEMI-ADM1033ARQZ-RL7 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
More results

Similar Description - ADM1033ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033 ONSEMI-ADM1033 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1034 ONSEMI-ADM1034 Datasheet
426Kb / 39P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
ADM1033 ONSEMI-ADM1033_12 Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com