Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A43E26161G-95UF Datasheet(PDF) 8 Page - AMIC Technology

Part # A43E26161G-95UF
Description  1M X 16 BIT X 4 BANKS LOW POWER SYNCHRONOUS DRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43E26161G-95UF Datasheet(HTML) 8 Page - AMIC Technology

Back Button A43E26161G-95UF Datasheet HTML 2Page - AMIC Technology A43E26161G-95UF Datasheet HTML 3Page - AMIC Technology A43E26161G-95UF Datasheet HTML 4Page - AMIC Technology A43E26161G-95UF Datasheet HTML 5Page - AMIC Technology A43E26161G-95UF Datasheet HTML 6Page - AMIC Technology A43E26161G-95UF Datasheet HTML 7Page - AMIC Technology A43E26161G-95UF Datasheet HTML 8Page - AMIC Technology A43E26161G-95UF Datasheet HTML 9Page - AMIC Technology A43E26161G-95UF Datasheet HTML 10Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
A43E26161
(December, 2004, Version 1.0)
7
AMIC Technology, Corp.
Operating AC Parameter
(AC operating conditions unless otherwise noted)
Version
Symbol
Parameter
-95
Unit
Note
tRRD(min)
Row active to row active delay
19
ns
1
tRCD(min)
RAS to
CAS delay
28.5
ns
1
tRP(min)
Row precharge time
28.5
ns
1
tRAS(min)
57
ns
1
tRAS(max)
Row active time
100K
µs
tRC(min)
Row cycle time
85.5
ns
1
tCDL(min)
Last data in new col. Address delay
8.5
ns
2
tRDL(min)
Last data in row precharge
19
ns
2
tBDL(min)
Last data in to burst stop
9.5
ns
2
tCCD(min)
Col. Address to col. Address delay
9.5
ns
Note:
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and
then rounding off to the next higher integer.
2. Minimum delay is required to complete write.


Similar Part No. - A43E26161G-95UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E26161 AMICC-A43E26161 Datasheet
544Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
More results

Similar Description - A43E26161G-95UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43P26161 AMICC-A43P26161 Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43E26161 AMICC-A43E26161 Datasheet
544Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161 AMICC-A43P26161_15 Datasheet
525Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com