Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3433E Datasheet(PDF) 2 Page - STMicroelectronics

Part # UPSD3433E
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3433E Datasheet(HTML) 2 Page - STMicroelectronics

  UPSD3433E Datasheet HTML 1Page - STMicroelectronics UPSD3433E Datasheet HTML 2Page - STMicroelectronics UPSD3433E Datasheet HTML 3Page - STMicroelectronics UPSD3433E Datasheet HTML 4Page - STMicroelectronics UPSD3433E Datasheet HTML 5Page - STMicroelectronics UPSD3433E Datasheet HTML 6Page - STMicroelectronics UPSD3433E Datasheet HTML 7Page - STMicroelectronics UPSD3433E Datasheet HTML 8Page - STMicroelectronics UPSD3433E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 264 page
background image
uPSD34xx
2/293
Note:
Operating temperature is in the Industrial range (–40°C to 85°C).
Table 1.
Device Summary
Part Number
Max
MHz
1st
Flash
2nd
Flash
SRAM
GPIO
8032
Bus
VCC
VDD
Pkg.
(bytes)
uPSD3422E-40T6
40
64K
32K
4K
35
No
3.3V
5.0V
TQFP52
uPSD3422EV-40T6
40
64K
32K
4K
35
No
3.3V
3.3V
TQFP52
uPSD3422E-40U6
40
64K
32K
4K
46
Yes
3.3V
5.0V
TQFP80
uPSD3422EV-40U6
40
64K
32K
4K
46
Yes
3.3V
3.3V
TQFP80
uPSD3433E-40T6
40
128K
32K
8K
35
No
3.3V
5.0V
TQFP52
uPSD3433EV-40T6
40
128K
32K
8K
35
No
3.3V
3.3V
TQFP52
uPSD3433E-40U6
40
128K
32K
8K
46
Yes
3.3V
5.0V
TQFP80
uPSD3433EV-40U6
40
128K
32K
8K
46
Yes
3.3V
3.3V
TQFP80
uPSD3434E-40T6
40
256K
32K
8K
35
No
3.3V
5.0V
TQFP52
uPSD3434EV-40T6
40
256K
32K
8K
35
No
3.3V
3.3V
TQFP52
uPSD3434E-40U6
40
256K
32K
8K
46
Yes
3.3V
5.0V
TQFP80
uPSD3434EV-40U6
40
256K
32K
8K
46
Yes
3.3V
3.3V
TQFP80
uPSD3454E-40T6
40
256K
32K
32K
35
No
3.3V
5.0V
TQFP52
uPSD3454EV-40T6
40
256K
32K
32K
35
No
3.3V
3.3V
TQFP52
uPSD3454E-40U6
40
256K
32K
32K
46
Yes
3.3V
5.0V
TQFP80
uPSD3454EV-40U6
40
256K
32K
32K
46
Yes
3.3V
3.3V
TQFP80
uPSD3422EB40T6
40
64K
32K
4K
35
No
3.3V
5.0V
TQFP52
uPSD3422EVB40T6
40
64K
32K
4K
35
No
3.3V
3.3V
TQFP52
uPSD3422EB40U6
40
64K
32K
4K
46
Yes
3.3V
5.0V
TQFP80
uPSD3422EVB40U6
40
64K
32K
4K
46
Yes
3.3V
3.3V
TQFP80
uPSD3433EB40T6
40
128K
32K
8K
35
No
3.3V
5.0V
TQFP52
uPSD3433EVB40T6
40
128K
32K
8K
35
No
3.3V
3.3V
TQFP52
uPSD3433EB40U6
40
128K
32K
8K
46
Yes
3.3V
5.0V
TQFP80
uPSD3433EVB40U6
40
128K
32K
8K
46
Yes
3.3V
3.3V
TQFP80
uPSD3434EB40T6
40
256K
32K
8K
35
No
3.3V
5.0V
TQFP52
uPSD3434EVB40T6
40
256K
32K
8K
35
No
3.3V
3.3V
TQFP52
uPSD3434EB40U6
40
256K
32K
8K
46
Yes
3.3V
5.0V
TQFP80
uPSD3434EVB40U6
40
256K
32K
8K
46
Yes
3.3V
3.3V
TQFP80
uPSD3454EB40T6
40
256K
32K
32K
35
No
3.3V
5.0V
TQFP52
uPSD3454EVB40T6
40
256K
32K
32K
35
No
3.3V
3.3V
TQFP52
uPSD3454EB40U6
40
256K
32K
32K
46
Yes
3.3V
5.0V
TQFP80
uPSD3454EVB40U6
40
256K
32K
32K
46
Yes
3.3V
3.3V
TQFP80


Similar Part No. - UPSD3433E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3433E-40T6 STMICROELECTRONICS-UPSD3433E-40T6 Datasheet
267Kb / 9P
   Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3433E-40T6 STMICROELECTRONICS-UPSD3433E-40T6 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3433E-40T6 STMICROELECTRONICS-UPSD3433E-40T6 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3433E-40T6T STMICROELECTRONICS-UPSD3433E-40T6T Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3433E-40T6T STMICROELECTRONICS-UPSD3433E-40T6T Datasheet
267Kb / 9P
   Fast Turbo 8032 MCU with USB and Programmable Logic
More results

Similar Description - UPSD3433E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
   Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
   8032 MCU with USB and Programmable Logic
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
   Antenna tuning circuit with turbo and glide
STHVDAC-256MTG STMICROELECTRONICS-STHVDAC-256MTG Datasheet
650Kb / 27P
   Antenna tuning circuit with turbo and glide
logo
Pixart Imaging Inc.
PAC107 PIXART-PAC107 Datasheet
1Mb / 53P
   SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com