Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE1050 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XE1050
Description  Single In-Line Telephone Line Interfaces for Europe
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE1050 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XE1050 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE1050 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE1050 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE1050 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE1050 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE1050 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE1050 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE1050 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
XECOM
(2)
XE10X0
XE10X0 Mechanical Specifications
B
C
D
E
G
H
J
I
A
F
F
Pin 1
Pin 1
Inches
Millimeters
Dim
Min
Max
Min
Max
A
0.420
0.460
10.80
11.56
B
0.490
0.530
12.45
13.46
C
0.120
0.140
3.05
3.56
D
0.015
0.035
0.38
0.89
E
1.410
1.440
35.81
36.58
F
0.040
0.060
1.02
1.52
G
1.590
1.630
40.39
41.40
H
1.070
1.080
27.18
27.43
I
0.040
0.060
1.02
1.52
J
0.100
0.140
2.54
3.56
K
0.300
0.340
7.62
8.64
Pin Size: 0.018" square
All pins tin-plated.
OH
RI
RING
TIP
Hook-
Switch
Ring
Detect
T1
T2
MUTE
Over-Current
Protection
(XE1050)
16 KHz
Meter Tone
Filter
(XE1040)
Low Impedance
Pulse Dialing
(XE1040, XE1050, XE1070)
Loop Current
Holding
Circuit
Isolation
Transformer
(All)
(All)
(All)
(All)
XE10X0 Block Diagram


Similar Part No. - XE1050

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XE105-Z OKAYA-XE105-Z Datasheet
446Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XE105-Z OKAYA-XE105-Z Datasheet
76Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results

Similar Description - XE1050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1085 PHILIPS-TEA1085 Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
logo
Micro Linear Corporatio...
ML2020 MICRO-LINEAR-ML2020 Datasheet
616Kb / 12P
   TELEPHONE LINE EQUALIZER
logo
Fairchild Semiconductor
ML2021 FAIRCHILD-ML2021 Datasheet
93Kb / 11P
   Telephone Line Equalizer
logo
Micro Linear Corporatio...
ML2021 MICRO-LINEAR-ML2021 Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
STMicroelectronics
TA0313 STMICROELECTRONICS-TA0313 Datasheet
212Kb / 9P
   STMicroelectronics Solutions for ADSL Line Interfaces
logo
Shanghai Leiditech Elec...
LC2574N LEIDITECH-LC2574N Datasheet
859Kb / 4P
   4-Line TVS for Ethernet Interfaces
logo
Bi technologies
D83C BITECH-D83C Datasheet
483Kb / 4P
   Single-In-Line
logo
Meder Electronic
SIL MEDER-SIL Datasheet
511Kb / 4P
   Single-In-Line
logo
Shanghai Leiditech Elec...
LC3374N LEIDITECH-LC3374N Datasheet
694Kb / 4P
   4-Line TVS for Ethernet Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com