Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W523A050 Datasheet(PDF) 5 Page - Winbond

Part # W523A050
Description  HIGH FIDELITY POWER SPEECH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W523A050 Datasheet(HTML) 5 Page - Winbond

  W523A050 Datasheet HTML 1Page - Winbond W523A050 Datasheet HTML 2Page - Winbond W523A050 Datasheet HTML 3Page - Winbond W523A050 Datasheet HTML 4Page - Winbond W523A050 Datasheet HTML 5Page - Winbond W523A050 Datasheet HTML 6Page - Winbond W523A050 Datasheet HTML 7Page - Winbond W523A050 Datasheet HTML 8Page - Winbond W523A050 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
W523AXXX
Publication Release Date: May 20, 2003
- 5 -
Revision A3
5. FUNCTIONAL DESCRIPTION
I/O pins:
The W523Axxx family provides up to 4 trigger pins, which can be extended to 24 matrix trigger inputs,
up to 5 STOP output pins and up to 2 LED output pins. All of these I/O pins’ status can be easily
defined by PowerSpeech
 program.
Powerful programmable features:
The W523Axxx family provides JUMP (JP), LOAD (LD), MOVE (MV), INC, and END commands and
10 programmable registers, such as R0 ~ R3, EN0, EN1, MODE0, MODE1, STOP and PAGE, can be
easily used to program the desired playing mode, stop output signal form, LED flash type, and trigger
pin interrupt modes. The chip’s programmable features can also be used to develop new, customized
functions for a wide variety of innovative applications.
Programmable Power-on Initialization:
Whenever the W523Axxx is powered on or pressed the RESET pin, the program contained in the
32
nd voice group will be executed after the power-on delay (about 160 mS), so the user can write a
program into this group to set the power-on initial state. If user does not wish to execute a program at
power-on, an “END” instruction should be entered in the group 32.
The interruption priority is shown as below while other trigger pins as well as JUMP (JP) command are
executing simultaneously during POI executing period:
POI > TG1F > TG1R > TG2F > TG2R > *TG5F > *TG5R > *TG6F > *TG6R > "JP" instruction.
*: TG3, TG4 for W523A008, W523A010
5.1 Register Definition and Control
The register file in the W523Axxx family is composed of 10 registers, including 4 general-purpose
registers and 6 special purpose registers. They are defined to facilitate the operations for various
purposes. The default setting values of the registers are given in the following table.
REGISTER
NAME
DEFAULT SETTING
General Register
R0-R3
00100000B
EN0 (W523A008~A010)
11111111B
EN0 (W523A012~A120)
XX11XX11B
EN1 (W523A012~A120)
XX11XX11B
MODE0, MODE1
11111111B
STOP
XXX11111B
Special Register
PAGE
00000000B


Similar Part No. - W523A050

ManufacturerPart #DatasheetDescription
logo
Winbond
W5231 WINBOND-W5231 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5232 WINBOND-W5232 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5233 WINBOND-W5233 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5234 WINBOND-W5234 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W523M02 WINBOND-W523M02 Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
More results

Similar Description - W523A050

ManufacturerPart #DatasheetDescription
logo
Winbond
W5830 WINBOND-W5830 Datasheet
123Kb / 14P
   HIGH FIDELITY Power Speech
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
logo
Winbond
W523SXX WINBOND-W523SXX Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
   High Fidelity, Low Power, Integrated Stereo Audio Amplifier
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com