Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSL431-XPA2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WSL431-XPA2
Description  Adjustable Precision Shunt Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WSL431-XPA2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WSL431-XPA2 Datasheet HTML 1Page - List of Unclassifed Manufacturers WSL431-XPA2 Datasheet HTML 2Page - List of Unclassifed Manufacturers WSL431-XPA2 Datasheet HTML 3Page - List of Unclassifed Manufacturers WSL431-XPA2 Datasheet HTML 4Page - List of Unclassifed Manufacturers WSL431-XPA2 Datasheet HTML 5Page - List of Unclassifed Manufacturers WSL431-XPA2 Datasheet HTML 6Page - List of Unclassifed Manufacturers WSL431-XPA2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WSL431
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VKA
Cathode voltage
26
V
IK
Continuous cathode current range
150
mA
Iref
Reference current range
3
mA
TA
Ambient temperature range
0 to 85
˚C
TJ
Junction temperature range
0 to 125
˚C
TSTG
Storage Temperature Range
-65 to 150
˚C
TSO
Lead temperature range, Ts (Soldering,
10sec)
260
˚C
Electrical Characteristics
TA= 25˚C (unless otherwise noted)
WSL431
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
WSL431B
2.4925 2.505 2.5175
WSL431C
2.480
2.505 2.530
Vref
VKA=Vref, IK=10mA.
WSL431D 2.455
2.505 2.555
Unit
∆Vref/T
Reference Voltage Drift over
Temp. range
TA=0 to 85°C*1 , I k =10mA.
4
20
mV
∆Vref/∆VKA Voltage Ration
(open loop gain)
IK=10 mA, VKA=Vref to 20V*2
- 4
- 1.6
mV/
V
Iref
Reference Current
IK=10mA,
R1=10KΩ, R2=open*2
0.4
3.5
µA
∆Iref/T
Reference Current Drift
IK=10 mA,
R1=10KΩ, R2=open, TA=0 to
85°C*2
0.4
1.2
µA
IK(min)
Min. Cathode Current
VKA=Vref*1
0.15
0.4
mA
IK(off)
Off-state Cathode Current
VKA=20V, Vref=0V*3
0.1
1
µA
zKA
Dynamic Impedance
VKA=Vref, IK=1 mA to 100mA,
f=1k Hz*1
-0.4
-0.1
Ω
Notes:
*1
: use Figure 1
*2
: use Figure 2
*3
: use Figure 3
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, Jan. 2000 (Rev. C)


Similar Part No. - WSL431-XPA2

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSL431 WINSON-WSL431 Datasheet
220Kb / 7P
   Adjustable Precision Shunt Regulator
More results

Similar Description - WSL431-XPA2

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com