Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W523A010 Datasheet(PDF) 7 Page - Winbond

Part # W523A010
Description  HIGH FIDELITY POWER SPEECH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W523A010 Datasheet(HTML) 7 Page - Winbond

Back Button W523A010 Datasheet HTML 3Page - Winbond W523A010 Datasheet HTML 4Page - Winbond W523A010 Datasheet HTML 5Page - Winbond W523A010 Datasheet HTML 6Page - Winbond W523A010 Datasheet HTML 7Page - Winbond W523A010 Datasheet HTML 8Page - Winbond W523A010 Datasheet HTML 9Page - Winbond W523A010 Datasheet HTML 10Page - Winbond W523A010 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
W523AXXX
Publication Release Date: May 20, 2003
- 7 -
Revision A3
5.1.3 PAGE Register
BIT
7
6
5
4
3
2
1
0
PAGE
-
-
-
PG4
PG3
PG2
PG1
PG0
The bits 0 ~ 4 in PAGE register are used for page selection. Once the page mode being defined
(referring to the below section of “Option Control Function”), the working page is selected by the bits 0
~ 4 in the PAGE register. Hence, the user can execute "LD PAGE, value" instruction to change the
working page of the voice entry group. Not all of the bits 0 ~ 4 of PAGE register are used in different
page mode. They are listed as below table:
PAGE MODE
PG4
PG3
PG2
PG1
PG0
1-page
×
×
×
×
×
8-page
×
×
16-page
×
32-page
Where "
×" means don′t care and "√" means must be set properly.
5.1.4 EN Register (W523A012 ~ W523A120)
BIT
7
6
5
4
3
2
1
0
EN0
X
X
TG2R
TG1R
X
X
TG2F
TG1F
EN1
X
X
TG6R
TG5R
X
X
TG6F
TG5F
EN Register (W523A008, W523A010)
BIT
7
6
5
4
3
2
1
0
EN0
TG4R
TG3R
TG2R
TG1R
TG4F
TG3F
TG2F
TG1F
EN0 or EN1 is an 8-bit register that stores the rising/falling edge enable or disable status information
for all trigger pins, which determines whether each trigger pin is retriggerable, non-retriggerable,
overwrite, or non-overwrite. The 8-bit structure of this register and the rising or falling edge of the
triggers corresponding to each bit are shown above. “X” indicates a “don’t care” bit.
The TG1, 2, 5, 6 represents triggers 1, 2, 5 and 6 respectively; the “R” represents the rising edge; and
“F” represents the falling edge. When any one of the eight bits is set to “1”, the rising or falling edge of
the corresponding trigger pin can be enabled, interrupting the current state.
5.1.5 STOP Register
BIT
7
6
5
4
3
2
1
0
STOP
X
X
X
STE
STD
STC
STB
STA


Similar Part No. - W523A010

ManufacturerPart #DatasheetDescription
logo
Winbond
W5231 WINBOND-W5231 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5232 WINBOND-W5232 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5233 WINBOND-W5233 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5234 WINBOND-W5234 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W523M02 WINBOND-W523M02 Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
More results

Similar Description - W523A010

ManufacturerPart #DatasheetDescription
logo
Winbond
W5830 WINBOND-W5830 Datasheet
123Kb / 14P
   HIGH FIDELITY Power Speech
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
logo
Winbond
W523SXX WINBOND-W523SXX Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
   High Fidelity, Low Power, Integrated Stereo Audio Amplifier
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com