Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U3741BM-M2FL Datasheet(PDF) 10 Page - TEMIC Semiconductors

Part # U3741BM-M2FL
Description  UHF ASK/FSK Receiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3741BM-M2FL Datasheet(HTML) 10 Page - TEMIC Semiconductors

Back Button U3741BM-M2FL Datasheet HTML 6Page - TEMIC Semiconductors U3741BM-M2FL Datasheet HTML 7Page - TEMIC Semiconductors U3741BM-M2FL Datasheet HTML 8Page - TEMIC Semiconductors U3741BM-M2FL Datasheet HTML 9Page - TEMIC Semiconductors U3741BM-M2FL Datasheet HTML 10Page - TEMIC Semiconductors U3741BM-M2FL Datasheet HTML 11Page - TEMIC Semiconductors U3741BM-M2FL Datasheet HTML 12Page - TEMIC Semiconductors U3741BM-M2FL Datasheet HTML 13Page - TEMIC Semiconductors U3741BM-M2FL Datasheet HTML 14Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
U3741BM
Rev. A1, 15-Oct-98
Preliminary Information
10 (25)
Bitcheck Mode
In bitcheck mode the incoming data stream is examined
to distinguish between a valid signal from a correspond-
ing transmitter and signals due to noise. This is done by
subsequent time frame checks where the distances
between 2 signal edges are continuously compared to a
programmable time window. The maximum count of this
edge-to-edge tests before the receiver switches to
receiving mode is also programmable.
Configuring the bitcheck
Assuming a modulation scheme that contains 2 edges per
bit, two time frame checks are verifying one bit. This is
valid
for
Manchester,
Bi-phase
and
most
other
modulation schemes. The maximum count of bits to be
checked can be set to 0, 3, 6 or 9 bits via the variable
NBitcheck in the OPMODE register. This implies 0, 6, 12
and 18 edge to edge checks respectively. If NBitcheck is set
to a higher value, the receiver is less likely to switch to
receiving mode due to noise. In the presence of a valid
transmitter signal, the bitcheck takes less time if NBitcheck
is set to a lower value. In polling mode, the bitcheck time
is not dependent on NBitcheck. Figure 11 shows an
example where 3 bits are tested successfully and the data
signal is transferred to Pin DATA.
According to figure 12, the time window for the bitcheck
is defined by two separate time limits. If the edge-to-edge
time tee is in between the lower bitcheck limit TLim_min
and the upper bitcheck limit TLim_max, the check will be
continued. If tee is smaller than TLim_min or tee exceeds
TLim_max, the bitcheck will be terminated and the receiver
switches to sleep mode.
Dem_out
t ee
TLim_min
TLim_max
1/fSig
Figure 12. Valid time window for bitcheck
For best noise immunity it is recommended to use a low
span between TLim_min and TLim_max. This is achieved
using a fixed frequency at a 50% duty cycle for the
transmitter preburst. A ‘11111...’ or a ‘10101...’ sequence
in Manchester or Bi-phase is a good choice concerning
that advice. A good compromise between receiver
sensitivity and susceptibility to noise is a time window of
± 25% regarding the expected edge-to-edge time tee.
Using pre-burst patterns that contain various edge-to-
edge time periods, the bitcheck limits must be
programmed according to the required span.
The bitcheck limits are determined by means of the
formula below.
TLim_min = Lim_min × TXClk
TLim_max = (Lim_max –1) × TXClk
Lim_min and Lim_max are defined by a 5-bit word each
within the LIMIT register.
Using above formulas Lim_min and Lim_max can be
determined according to the required TLim_min, TLim_max
and TXClk. The time resolution in defining TLim_min and
TLim_max is TXClk. The minimum edge-to-edge time tee
(tDATA_L_min, tDATA_H_min) is defined according to the
chapter ‘Receiving Mode’. Due to this, the lower limit
should be set to Lim_min
≥ 10. The maximum value of
the upper limit is Lim_max = 63.
Figures 13, 14 and 15 are illustrating the bitcheck
for the default bitcheck limits Lim_min = 14
and
Lim_max = 24. When the IC is enabled, the signal
processing circuits are enabled during TStartup. The output
of the ASK/ FSK demodulator (Dem_out) is undefined
during that period. When the bitcheck becomes active,
the bitcheck counter is clocked with the cycle TXClk.
Figure 13 shows how the bitcheck proceeds if the bit-
check counter value CV_Lim is within the limits defined
by Lim_min and Lim_max at the occurrence of a signal
edge. In figure 14 the bitcheck fails as the value CV_lim
is lower than the limit Lim_min. The bitcheck also fails
if CV_Lim reaches Lim_max. This is illustrated in
figure 15.
Bitcheck
Enable IC
Dem_out
Bitcheck–Counter
0
23
45
6
24
5
17
8
1
36
78
9
11 12 13 14
10
1/2 Bit
15 16 17 18
1
2
3
4
56
( Lim_min = 14, Lim_max = 24 )
78
910 11 12 13 14 15
123
4
1/2 Bit
1/2 Bit
Bitcheck ok
Bitcheck ok
T
Startup
T
Clk
Figure 13. Timing diagram during bitcheck


Similar Part No. - U3741BM-M2FL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3741BM-P2FL ATMEL-U3741BM-P2FL Datasheet
483Kb / 32P
   UHF ASK RECEIVER IC
U3741BM-P2FLG3 ATMEL-U3741BM-P2FLG3 Datasheet
483Kb / 32P
   UHF ASK RECEIVER IC
U3741BM-P3FL ATMEL-U3741BM-P3FL Datasheet
483Kb / 32P
   UHF ASK RECEIVER IC
U3741BM-P3FLG3 ATMEL-U3741BM-P3FLG3 Datasheet
483Kb / 32P
   UHF ASK RECEIVER IC
More results

Similar Description - U3741BM-M2FL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com