Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE56070 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE56070
Description  TRIAC, 25A, High Commutation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE56070 Datasheet(HTML) 1 Page - NTE Electronics

  NTE56070 Datasheet HTML 1Page - NTE Electronics NTE56070 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE56070 & NTE56071
TRIAC, 25A, High Commutation
Description:
The NTE56070 and NTE56071 are glass passivated, high commutation TRIACs in a TO220 type
package designed for use in circuits where high static and dynamic dV/dt and high dI/dt can occur.
These devices will commutate the full rated RMS current at the maximum rated junction temperature,
without the aid of a snubber.
Absolute Maximum Ratings:
Repetitive Peak Off–Sate Voltage (Note 1), VDRM
NTE56070
600V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE56071
800V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RMS On–State Current (Full Sine Wave, TMB ≤ 91°C), IT(RMS)
25A
. . . . . . . . . . . . . . . . . . . . . . . . . .
Non–Repetitive Peak On–State Current, ITSM
(Full Sine Wave, TJ = +25°C prior to Surge)
t = 20ms
190A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
t = 16.7ms
209A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I2t for Fusing (t = 10ms), I2t
180A2sec
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Repetitive Rate–of–Rise of On–State Current after Triggering, dIT/dt
(ITM = 30A, IG = 0.2A, dIG/dt = 0.2A/µs)
100A/
µs
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Gate Current, IGM
2A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Gate Voltage, VGM
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Gate Power, PGM
5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Average Gate Power (Over Any 20ms Period), PG(AV)
500mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Mounting Base, RthJMB
Full Cycle
1.0K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Half Cycle
1.4K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Typical Thermal Resistance, Junction–to–Ambient, RthJA
60K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Although not recommended, off–state voltages up to 800V may be applied without damage,
but the TRIAC may switch to the on–state. The rate–of–rise of current should not exceed
15A/
µs.


Similar Part No. - NTE56070

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5607 NTE-NTE5607 Datasheet
20Kb / 2P
   TRIAC, 4 Amp
More results

Similar Description - NTE56070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT1011 ETC-FT1011 Datasheet
144Kb / 4P
   HIGH COMMUTATION TRIAC
logo
NTE Electronics
NTE56066 NTE-NTE56066 Datasheet
20Kb / 2P
   TRIAC, 16A, High Commutation
NTE56063 NTE-NTE56063 Datasheet
21Kb / 2P
   TRIAC, 8A, High Commutation
NTE56068 NTE-NTE56068 Datasheet
21Kb / 2P
   TRIAC, 16A, High Commutation
NTE56065 NTE-NTE56065 Datasheet
21Kb / 2P
   TRIAC, 600VRM, 12A, High Commutation
logo
NXP Semiconductors
BTA316-800ET NXP-BTA316-800ET Datasheet
210Kb / 13P
   16 A three-quadrant high commutation triac
Rev. 01-29 March 2010
logo
Renesas Technology Corp
BCR25CM-12LB RENESAS-BCR25CM-12LB Datasheet
475Kb / 9P
   600V - 25A - Triac
Sep. 11, 2018
BCR25FM-14LJ RENESAS-BCR25FM-14LJ Datasheet
505Kb / 9P
   700V - 25A - Triac
May 31, 2018
BCR25FM-12LB RENESAS-BCR25FM-12LB_17 Datasheet
802Kb / 9P
   600V - 25A - Triac
logo
NXP Semiconductors
BTA316-600ET NXP-BTA316-600ET Datasheet
211Kb / 13P
   16 A three-quadrant high commutation triac
Rev. 01-30 March 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com