Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK2711GQE Datasheet(PDF) 6 Page - Texas Instruments

Part # TLK2711GQE
Description  1.6 TO 2.7 GBPS TRANSCEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2711GQE Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLK2711GQE Datasheet HTML 2Page - Texas Instruments TLK2711GQE Datasheet HTML 3Page - Texas Instruments TLK2711GQE Datasheet HTML 4Page - Texas Instruments TLK2711GQE Datasheet HTML 5Page - Texas Instruments TLK2711GQE Datasheet HTML 6Page - Texas Instruments TLK2711GQE Datasheet HTML 7Page - Texas Instruments TLK2711GQE Datasheet HTML 8Page - Texas Instruments TLK2711GQE Datasheet HTML 9Page - Texas Instruments TLK2711GQE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TLK2711
1.6 TO 2.7 GBPS TRANSCEIVER
SLLS501 – SEPTEMBER 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
NO.
I/O
DESCRIPTION
GQE
RCP
I/O
DESCRIPTION
RXD0
RXD1
RXD2
RXD3
RXD4
RXD5
RXD6
RXD7
RXD8
RXD9
RXD10
RXD11
RXD12
RXD13
RXD14
RXD15
H3
J2
H2
H1
G2
G1
F2
F1
E1
D1
C1
D2
C2
B1
B2
A2
51
50
49
47
46
45
44
42
40
39
37
36
35
34
32
31
O
Receive data bus. These outputs carry 16-bit parallel data output from the transceiver to the
protocol device, synchronized to RXCLK. The data is valid on the rising edge of RXCLK as
shown in Figure 5. These terminals are in high-impedance state during power-on reset.
RXN
RXP
DINRXN
DINRXP
J3
J4
53
54
I
Serial receive inputs. RXP and RXN together are the differential serial input interface from a
copper or an optical I/F module.
TESTEN
B4
27
I‡
Test mode enable. This terminal should be left unconnected or tied low.
TKLSB
A6
22
I†
K-code generator (LSB). When TKLSB is high, an 8-bit/10-bit K code is transmitted as
controlled by data bits TXD0 –TXD7. When TKLSB is low an 8-bit/10-bit D code is transmitted
as controlled by data bits TXD0 – TXD7.
TKMSB
B7
20
I†
K-code generator (MSB). When TKMSB is high an 8-bit/10-bit K code is transmitted as
controlled by data bits TXD8 –TXD15. When TKMSB is low an 8-bit/10-bit D code is
transmitted as controlled by data bits TXD8 – TXD15.
TXCLK
GTX_CLK
E9
8
I
Reference clock. TXCLK is a continuous external input clock that synchronizes the transmitter
interface signals TKMSB, TKLSB and TXD [0..15]. The frequency range of TXCLK is 80 MHz
to 135 MHz. The transmitter uses the rising edge of this clock to register the 16-bit input data
TXD [0..15] for serialization.
TXD0
TXD1
TXD2
TXD3
TXD4
TXD5
TXD6
TXD7
TXD8
TXD9
TXD10
TXD11
TXD12
TXD13
TXD14
TXD15
H7
J8
H8
H9
G8
G9
F9
F8
D9
D8
C9
C8
B9
B8
A8
A7
62
63
64
2
3
4
6
7
10
11
12
14
15
16
17
19
I
Transmit data bus. These inputs carry the 16-bit parallel data output from a protocol device
to the transceiver for encoding, serialization, and transmission. This 16-bit parallel data is
clocked into the transceiver on the rising edge of TXCLK as shown in Figure 2.
TXN
TXP
DOUTTXN
DOUTTXP
J6
J7
59
60
O
Serial transmit outputs. TXP and TXN are differential serial outputs that interface to copper
or an optical I/F module. These terminals transmit NRZ data at a rate of 20 times the TXCLK
value. TXP and TXN are put in a high-impedance state when LOOPEN is high and are active
when LOOPEN is low. During power-on reset these terminals are high impedance.
† Internal 10k pullup
‡ Internal 10k pulldown


Similar Part No. - TLK2711GQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711A TI1-TLK2711A Datasheet
1,007Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
More results

Similar Description - TLK2711GQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711JRZQE TI1-TLK2711JRZQE Datasheet
619Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711IRCP TI-TLK2711IRCP Datasheet
634Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI-TLK2701 Datasheet
291Kb / 21P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711A TI1-TLK2711A Datasheet
1,007Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI1-TLK2701_16 Datasheet
858Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com