Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK5552A-PP Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TK5552A-PP
Description  Read/Write Transponder
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TK5552A-PP Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TK5552A-PP Datasheet HTML 2Page - ATMEL Corporation TK5552A-PP Datasheet HTML 3Page - ATMEL Corporation TK5552A-PP Datasheet HTML 4Page - ATMEL Corporation TK5552A-PP Datasheet HTML 5Page - ATMEL Corporation TK5552A-PP Datasheet HTML 6Page - ATMEL Corporation TK5552A-PP Datasheet HTML 7Page - ATMEL Corporation TK5552A-PP Datasheet HTML 8Page - ATMEL Corporation TK5552A-PP Datasheet HTML 9Page - ATMEL Corporation TK5552A-PP Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
TK5552
4698A–RFID–04/03
Figure 8. Downlink Protocol
Figure 9. Explanation of the Programming Cycle
1
Standard op code
Address bits (e.g. block 16)
0
Uplink mode
Downlink mode
Start gap
0
1
0
0
Lock
bit
32 bit
RF field
> 64 clocks
1
0


Similar Part No. - TK5552A-PP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
More results

Similar Description - TK5552A-PP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90111 ETC1-MLX90111 Datasheet
136Kb / 12P
   128bit Read Write Transponder
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
ATA5551M-PPMY ATMEL-ATA5551M-PPMY_14 Datasheet
1Mb / 28P
   Standard Read/Write ID Transponder with Anti-collision
TK5551 ATMEL-TK5551_06 Datasheet
246Kb / 12P
   Standard Read/Write ID Transponder with Anti-collision
TK5561A-PP ATMEL-TK5561A-PP Datasheet
252Kb / 10P
   READ/WRITE CRYPTO TRANSPONDER FOR SHORT CYCLE TIME
TK5530 ATMEL-TK5530 Datasheet
215Kb / 9P
   READ ONLY TRANSPONDER
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
   READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
   Read/write head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com