Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK5552A-PP Datasheet(PDF) 10 Page - ATMEL Corporation

Part # TK5552A-PP
Description  Read/Write Transponder
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TK5552A-PP Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TK5552A-PP Datasheet HTML 6Page - ATMEL Corporation TK5552A-PP Datasheet HTML 7Page - ATMEL Corporation TK5552A-PP Datasheet HTML 8Page - ATMEL Corporation TK5552A-PP Datasheet HTML 9Page - ATMEL Corporation TK5552A-PP Datasheet HTML 10Page - ATMEL Corporation TK5552A-PP Datasheet HTML 11Page - ATMEL Corporation TK5552A-PP Datasheet HTML 12Page - ATMEL Corporation TK5552A-PP Datasheet HTML 13Page - ATMEL Corporation TK5552A-PP Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
TK5552
4698A–RFID–04/03
Transponder IC Read/Write Identification IC with 1k-bit Memory
Features
Low Power, Low Voltage Operation
ESD Protection: > 8 kV (HBM)
Optimized for Flip Chip Die Attach Processes
Contactless Power Supply
Contactless Read/Write Data Transmission
Radio Frequency (RF): 100 kHz to 150 kHz
1056 Bits of EEPROM Memory
992 Bits (31
´ 32 Bits) of User Memory
Defined Start of Data Transmission
Auto-verify after EEPROM Programming
Block Write Protection for Each Block
Configurable Options Include:
– Modulation Type: PSK/Manchester
– Bit Rate [Bit/s]: RF/16 / RF/32
– Number of Readable Blocks
– Modulation Defeat
– POR Start-up Delay:
» 1 ms / » 65 ms
Functional Description
The transponder IC is a two-terminal, contactless R/W-IDentification IC (IDIC) for tag
applications in the 125 kHz (±25 kHz) range. The IC uses the external RF signal to gen-
erate its own power supply and internal clock reference.
The IC contains a total of 1056 bits of EEPROM memory grouped into 32 individually
addressable data blocks. Each block is made up of 32 bits of data plus an associated
lock bit for block write protection. Blocks 1 to 31 are provided for user related data and
block 0 for system configuration.
Data is transmitted from the IC (uplink) using reflective load (back scatter) modulation.
This is achieved by damping the external RF field by switching a resistive load between
the two terminals Clock-A/Clock-B. The IC receives and decodes amplitude modulated-
data from the base station.
As soon as the tag including the transponder IC is exposed to an RF field (providing that
the field is strong enough to derive enough energy to operate), the tag will respond by
continuously transmitting stored data (uplink mode). The base station can, at any time,
switch the tag to downlink mode to write new user or configuration data. Generally, the
tag will automatically return to the default uplink mode when the downlink transfer is
completed, interrupted or an error condition occurs.
Figure 13. Transponder System Example Using Transponder IC
Memory
Transponder
Base station
Data
Power
Data
downlink
uplink
Transponder IC
Memory
Transponder
Base station
Power


Similar Part No. - TK5552A-PP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
More results

Similar Description - TK5552A-PP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90111 ETC1-MLX90111 Datasheet
136Kb / 12P
   128bit Read Write Transponder
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
ATA5551M-PPMY ATMEL-ATA5551M-PPMY_14 Datasheet
1Mb / 28P
   Standard Read/Write ID Transponder with Anti-collision
TK5551 ATMEL-TK5551_06 Datasheet
246Kb / 12P
   Standard Read/Write ID Transponder with Anti-collision
TK5561A-PP ATMEL-TK5561A-PP Datasheet
252Kb / 10P
   READ/WRITE CRYPTO TRANSPONDER FOR SHORT CYCLE TIME
TK5530 ATMEL-TK5530 Datasheet
215Kb / 9P
   READ ONLY TRANSPONDER
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
   READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
   Read/write head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com