Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9488F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC9488F
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9488F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC9488F Datasheet HTML 4Page - Toshiba Semiconductor TC9488F Datasheet HTML 5Page - Toshiba Semiconductor TC9488F Datasheet HTML 6Page - Toshiba Semiconductor TC9488F Datasheet HTML 7Page - Toshiba Semiconductor TC9488F Datasheet HTML 8Page - Toshiba Semiconductor TC9488F Datasheet HTML 9Page - Toshiba Semiconductor TC9488F Datasheet HTML 10Page - Toshiba Semiconductor TC9488F Datasheet HTML 11Page - Toshiba Semiconductor TC9488F Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC9455,88F/N
2002-02-05
8
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VDD
−0.3~6.0
V
Input voltage
Vin
−0.3~VDD + 0.3
V
TC9455/88F
200

Power dissipation
PD
TC9455/88N
300

mW
Operating temperature
Topr
−25~85
°C
Storage temperature
Tstg
−55~150
°C
Electrical Characteristics (unless otherwise specified, Ta = 25°C, VDD = 5.0 V)
DC characteristics
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Operating supply voltage
VDD
Ta = −25~85°C
4.5
5.0
5.5
V
Operating supply current
IDD
Fmck = 4 MHz
20
30
mA
Operating frequency
Fmck
fs = 32 kHz typ.
4.0
MHz
Power-on reset voltage
Vpor
4.0
4.25
V
“H” level
VIH
VDD
× 0.8
VDD
Input voltage
“L” level
VIL
0
VDD
× 0.2
V
“H” level
IIH
1.0
Input current
“L” level
IIL
−1.0
µA
Volume control (when VOLST = “L”)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Hysteresis voltage
VH
0.12
V
Input step width
VST
0.26
V
Min level input voltage
VImin
1.1
0.8
V
Max level input voltage
VImax
4.95
4.8
V


Similar Part No. - TC9488F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9488FG TOSHIBA-TC9488FG Datasheet
320Kb / 12P
   Digital Echo IC for Karaoke
More results

Similar Description - TC9488F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com